Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SIC9521 Datasheet(PDF) 1 Page - Shenzhen SI Semiconductors Co.,LTD.

Part # SIC9521
Description  High Precision Non-Isolated BUCK LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SISEMIC [Shenzhen SI Semiconductors Co.,LTD.]
Direct Link  http://www.sisemi.com.cn/en_index.aspx
Logo SISEMIC - Shenzhen SI Semiconductors Co.,LTD.

SIC9521 Datasheet(HTML) 1 Page - Shenzhen SI Semiconductors Co.,LTD.

  SIC9521 Datasheet HTML 1Page - Shenzhen SI Semiconductors Co.,LTD. SIC9521 Datasheet HTML 2Page - Shenzhen SI Semiconductors Co.,LTD. SIC9521 Datasheet HTML 3Page - Shenzhen SI Semiconductors Co.,LTD. SIC9521 Datasheet HTML 4Page - Shenzhen SI Semiconductors Co.,LTD. SIC9521 Datasheet HTML 5Page - Shenzhen SI Semiconductors Co.,LTD. SIC9521 Datasheet HTML 6Page - Shenzhen SI Semiconductors Co.,LTD. SIC9521 Datasheet HTML 7Page - Shenzhen SI Semiconductors Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
深圳深爱半导体股份有限公司
产品规格书
Shenzhen SI Semiconductors Co., LTD.
Product Specification
High Precision Non-Isolated BUCK LED Driver
SIC9521/9522
Si semiconductors
SIC9521/SIC9522_EN_Rev2.0
- 1 -
General Description
The SIC9521/SIC9522 are high precision Non-Isolation LED drivers for buck LED lighting
application. They are suited AC 85V-265V non-isolated LED driver supply Typical ± 5% Output
current accuracy achieved by built-in high precision sampling and compensation circuit.
Integrated 500V power MOSFET, without secondary feedback circuit, also need not compensation
circuit, the drivers have good performance with very simple peripheral circuits.
The SIC9521/SIC9522 have multi-protection functions which largely enhance the safety and
reliability of the system, including VCC over-voltage protection, VCC UVLO, short-circuit
protection, cycle-by-cycle current limit and over-temperature protection.
The SIC9521/SIC9522 are available in compact TO-94 package.
Features
• Simple peripheral circuits
• Integrated 500V power MOSFET
• Typical ± 5% Output current accuracy
• Ultra-low operating current, without auxiliary
winding detection and power supply
• Continuous inductor current mode
• LED short protection
• Sampling resistor open circuit protection
• Over temperature protection
Typical Application


Similar Part No. - SIC9521

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC9534K VISHAY-SIC9534K Datasheet
694Kb / 17P
30 A VRPower® Integrated Power Stage
Rev. B, 16-Oct-17
logo
Shenzhen SI Semiconduct...
SIC9552A SISEMIC-SIC9552A Datasheet
583Kb / 9P
High Precision Non-Isolated Buck LED Driver
SIC9553A SISEMIC-SIC9553A Datasheet
583Kb / 9P
High Precision Non-Isolated Buck LED Driver
SIC9554A SISEMIC-SIC9554A Datasheet
583Kb / 9P
High Precision Non-Isolated Buck LED Driver
SIC9555A SISEMIC-SIC9555A Datasheet
583Kb / 9P
High Precision Non-Isolated Buck LED Driver
More results

Similar Description - SIC9521

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USL3631 UTC-USL3631 Datasheet
210Kb / 6P
NON-ISOLATED BUCK OFFLINE LED DRIVER
logo
List of Unclassifed Man...
WS9822B ETC2-WS9822B Datasheet
786Kb / 11P
Non-isolated Buck High Precision Three-stage Dimming LED Driver
logo
Shenzhen Winsemi Microe...
WS9822B WINSEMI-WS9822B Datasheet
786Kb / 11P
Non-isolated Buck High Precision Three-stage Dimming LED Driver
logo
Shenzhen SI Semiconduct...
SIC9752 SISEMIC-SIC9752 Datasheet
506Kb / 8P
High Precision Non-Isolated Buck APFC LED Drive
SIC9552A SISEMIC-SIC9552A Datasheet
583Kb / 9P
High Precision Non-Isolated Buck LED Driver
SIC9701 SISEMIC-SIC9701 Datasheet
668Kb / 8P
High Precision Non-Isolated Buck APFC LED Driver
SIC9702 SISEMIC-SIC9702 Datasheet
339Kb / 7P
High Precision Non-Isolated Buck APFC LED Driver
SIC9732 SISEMIC-SIC9732 Datasheet
888Kb / 8P
High Precision Non-Isolated Buck APFC LED Driver
logo
Shenzhen Huazhimei Semi...
HM2730 HMSEMI-HM2730 Datasheet
1Mb / 18P
High precision non-isolated buck driver
logo
Princeton Technology Co...
RS2320 PTC-RS2320 Datasheet
357Kb / 4P
High Accurate Non-Isolated Buck LED Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com