Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MA2004 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA2004
Description  3A 750KHz Asynchronous Boost Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2004 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA2004 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2004 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA2004 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA2004 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA2004 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA2004 Datasheet HTML 6Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
MA2004
Major Power Technology Co., Ltd.
Rev.1.0 Apr/15, 2015
BLOCK DIAGRAM
DRIVER
PWM
CONTROL
LOGIC
+
-
+
-
+
OSCILLATOR
+
-
COMP
EA
REFERENCE
and BIAS
SOFTSTART
Freq
0.6V
EN
FB
PGND
VCC
SW
ISEN
Thermal
Shutdown
UVLO
and POR
Adjustable
Current Limit
OC
PIN ASSIGNMENT
The package of MA2004 is SOT23-6L; the pin assignment is given by:
Name
Description
VCC
VCC Input Pin
EN
Chip Enable pin. Active high.
Internal pull high for auto start up.
GND
Ground Pin.
FB
Feedback Pin.
SW
Switching Pin
OC
Adjustable Current limit
ORDER/MARKING INFORMATION
Order Information
Top Marking



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com