Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MA5001 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA5001
Description  1.5A 1.5MHz Synchronous Buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5001 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA5001 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5001 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA5001 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA5001 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5001 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5001 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5001 Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA5001 Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA5001 Datasheet HTML 9Page - Major-Power Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/12
MA5001
Major Power Technology Co., Ltd.
Rev.1.3
Dec. 01, 2016
BLOCK DIAGRAM
PWM
CONTROL
LOGIC
OSCILLATOR
+
-
COMP
ILIMIT
EA
REFERENCE
and BIAS
SOFTSTART
UVLO
and POR
0.6V
P-SWITCH
EN
FB
GND
SW
VCC
ISEN
Thermal
Shutdown
DRIVER
PIN ASSIGNMENT
The packages of MA5001 are SOT23-5L and TSOT23-5L ; the pin assignment is given by:
Name
Description
EN
Chip Enable pin. Active high.
GND
Ground Pin.
SW
Switching Pin
VCC
VCC Input Pin
FB
Feedback Pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com