Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MA5005 Datasheet(PDF) 8 Page - Major-Power Technology Co., LTD.

Part # MA5005
Description  1.2A 1.5MHz Synchronous Buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5005 Datasheet(HTML) 8 Page - Major-Power Technology Co., LTD.

Back Button MA5005 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5005 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5005 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5005 Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA5005 Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA5005 Datasheet HTML 9Page - Major-Power Technology Co., LTD. MA5005 Datasheet HTML 10Page - Major-Power Technology Co., LTD. MA5005 Datasheet HTML 11Page - Major-Power Technology Co., LTD. MA5005 Datasheet HTML 12Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8/12
MA5005
Major Power Technology Co., Ltd.
Rev.1.5 Dec.01, 2016
Power-on from VIN
VIN = 5V, VOUT = 1.8V, ILOAD = No Load
VIN = 5V, VOUT = 1.8V, ILOAD = 1.2A
Ch1=SW , Ch2=VOUT ,Ch3=VIN , Ch4=IOUT
Ch1=SW , Ch2=VOUT ,Ch3=VIN , Ch4=IOUT
Load Transient Response
5V→3.3V @50mA→500mA
e5V→3.3V @400mA→1.2A
5V→2.5V @50mA→500mA
5V→2.5V @400mA→1.2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com