Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M65818AFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M65818AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65818AFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M65818AFP Datasheet HTML 1Page - Renesas Technology Corp M65818AFP Datasheet HTML 2Page - Renesas Technology Corp M65818AFP Datasheet HTML 3Page - Renesas Technology Corp M65818AFP Datasheet HTML 4Page - Renesas Technology Corp M65818AFP Datasheet HTML 5Page - Renesas Technology Corp M65818AFP Datasheet HTML 6Page - Renesas Technology Corp M65818AFP Datasheet HTML 7Page - Renesas Technology Corp M65818AFP Datasheet HTML 8Page - Renesas Technology Corp M65818AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
M65818AFP
Rev.1.00, Sep.04.2003, page 4 of 38
A-1 Difference between M65818AFP and M65817AFP
M65818AFP has added the following functions to M65817AFP.
M65817AFP
M65818AFP
PWM Output Form
General Pulse Width Modulation
Selectable 4 kind of Output Form (Refer to
M65818AFP Data Sheet: P28/38
System1Mode bit22,23)
Reverse Output
Pins Function of PWM
Output "OUTL1-/R1-"
Reverse Phase between
OUTL1+/R1+ and OUTL1-/R1-
Selectable phase between OUTL1+/R1+
and OUTL1-/R1- to Same/Reverse (Refer to
M65818AFP Data Sheet: P28/38
System1Mode bit24)
∆ΣOperation Ratio
16fso Fixed
Selectable operation ratio to 16fso/32fso
(Refer to M65818AFP Data Sheet: P31/38
System2 Mode bit16)
Selection of Muting operation at
Primary Side Asynchronous
Detection
PWM Output Duty 50% Mute at
primary side asynchronous detection
Selectable PWM Output Duty 50% Mute
On/Off at primary side asynchronous
detection (Refer to M65818AFP Data Sheet:
P28/38 System1Mode bit20 )
Selection of External 8Fs
Data Input Mode
Only synchronize to secondary side
clock (Input the data to Gain Control
Block)
Added the function of synchronization to
primary side clock:
Input the data to Sampling Rate Converter
(Refer to M65818AFP Data Sheet: P28/38
System1Mode bit21)
A-2 The Example of Evaluation Circuit
OUTR1+
OUTR1+
OUTL1+
OUTL1+
OUTL1-
OUTL1-
OUTL2-
OUTL2-
OUTR1-
OUTR1-
OUTR2-
OUTR2-
OUTR2+
OUTR2+
OUTL2+
OUTL2+
DATA
DATA
BCK
BCK
LRCK
LRCK
43
43
44
44
45
45
-
+
+
-
+
-
-
+
-
+
+
-
+
-
-
+
M65818AFP
M65818AFP
24
24
21
21
18
18
10
10
7
4
1
15
15
Reference Characteristics
Condition
S/N
104dB(typ)
THD+N
0.0014%(typ)
Input Signal : 1kHz 0dB Full scale sine wave
Fs : Primary Clock 44.1kHz, Secondary Clock 48kHz
PWM Output Format1
AC dithering E
DC dithering 0.1%
Gain Data Setting:(Index)10000b/(Mantissa)10000000b
THD+N : Filter 20kHz LPF S/N : Filter 20kHz LPF + JIS-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com