Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM7575 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM7575
Description  Multi-Function PCM CODEC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7575 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM7575 Datasheet HTML 8Page - OKI electronic componets MSM7575 Datasheet HTML 9Page - OKI electronic componets MSM7575 Datasheet HTML 10Page - OKI electronic componets MSM7575 Datasheet HTML 11Page - OKI electronic componets MSM7575 Datasheet HTML 12Page - OKI electronic componets MSM7575 Datasheet HTML 13Page - OKI electronic componets MSM7575 Datasheet HTML 14Page - OKI electronic componets MSM7575 Datasheet HTML 15Page - OKI electronic componets MSM7575 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
12/25
¡ Semiconductor
MSM7575
Receive Analog Interface Characteristics
*1 –7.7 dBm (600 W) = 0 dBm0, + 3.17 dBm0 = 1.30 VPP (m-law Selected)
Parameter
Input Resistance
Output Load Resistance
Output Load Capacitance
Symbol
RINPW
RLVF
RLAO
CLVF
CLAO
Condition
PWI, AIN3+/–, AIN4+/–, REF1,
REF2, AVIN
Min.
10
20
1.2
Typ.
Max.
100
100
Unit
M
W
k
W
k
W
pF
pF
VFRO, SAO
Output Voltage Level
Offset Voltage
VOVF
VOAO
VOFVF
VOFAO
–100
–20
1.30 (*1)
100
20
VPP
VPP
mV
mV
VFRO, SAO
AOUT+, AOUT–, GSX3, GSX4
VFRO, SAO
AOUT+, AOUT–, GSX3, GSX4
AOUT+,
AOUT–,
GSX3,
GSX4
VFRO, SAO
AOUT+, AOUT– (Gain = 0 dB,
Power amp only) GSX3, GSX4
GDB
0.85
VDD–0.75
AVIN, REF1, REF2
RL = 20 kW
ZL = 350 kW
+ 120 nF(See Fig.1)
RL = 1.2 kW
——
VPP
(VDD = 2.7 V to 3.6 V, Ta = –25°C to +70°C)
1.30 (*1)
1.30 (*1)
Comparator Input Voltage Range
RSW
100
400
W
IO1-IO2, IO3-IO4, IO5-IO6,
IO7-IO8, IO9-IO10, IO10-IO11,
IO12-VDD, IO13-VDD, IO14-VDD
Analog Switch "ON" Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com