Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M54HC154K1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC154K1
Description  RAD-HARD 4 TO 16 LINE DECODER/DEMULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC154K1 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC154K1 Datasheet HTML 1Page - STMicroelectronics M54HC154K1 Datasheet HTML 2Page - STMicroelectronics M54HC154K1 Datasheet HTML 3Page - STMicroelectronics M54HC154K1 Datasheet HTML 4Page - STMicroelectronics M54HC154K1 Datasheet HTML 5Page - STMicroelectronics M54HC154K1 Datasheet HTML 6Page - STMicroelectronics M54HC154K1 Datasheet HTML 7Page - STMicroelectronics M54HC154K1 Datasheet HTML 8Page - STMicroelectronics M54HC154K1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
M54HC154
2/9
IEC LOGIC SYMBOLS
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
PIN N°
SYMBOL
NAME AND FUNCTION
1, 2, 3, 4, 5, 6,
7, 8, 9, 10, 11,
13, 14, 15, 16,
17
Y0 to Y15
Outputs (Active Low)
18, 19
G1,G2
Enable Inputs
(Active Low)
23, 22, 21, 20
A to D
Address Inputs
12
GND
Ground (0V)
24
VCC
Positive Supply Voltage
INPUTS
SELECTED OUTPUT (L)
G1
G2
DCBA
LLLLLL
Y0
LLLLL
H
Y1
LLLL
H
L
Y2
LLLL
H
H
Y3
LLL
H
L
L
Y4
LLL
H
L
H
Y5
LLL
H
H
L
Y6
LLL
H
H
H
Y7
LL
H
LLL
Y8
LL
H
L
L
H
Y9
L
L
HLHL
Y10
LL
H
L
H
H
Y11
LL
H
H
LL
Y12
LL
H
H
L
H
Y13
L
L
HHH
L
Y14
L
L
HHHH
Y15
X
H
XXXX
NONE
H
XXXXX
NONE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com