Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDC-0252-0600-1-ACBM2-R Datasheet(PDF) 2 Page - D+H Mechatronic AG

Part # CDC-0252-0600-1-ACBM2-R
Description  Chain drives
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DH [D+H Mechatronic AG]
Direct Link  https://www.dh-partner.com/
Logo DH - D+H Mechatronic AG

CDC-0252-0600-1-ACBM2-R Datasheet(HTML) 2 Page - D+H Mechatronic AG

  CDC-0252-0600-1-ACBM2-R Datasheet HTML 1Page - D+H Mechatronic AG CDC-0252-0600-1-ACBM2-R Datasheet HTML 2Page - D+H Mechatronic AG CDC-0252-0600-1-ACBM2-R Datasheet HTML 3Page - D+H Mechatronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZE
RTIFIZIERT
CERTIFIED
EN 12101-2
UR
O RWA
D+H E
UR
30
35
367
163
530
39
Supply
24 V DC / ±15 % / 0.8 A
Duty cycle
30 %
Force of pressure
250 N
Tensile force
250 N
Nominal locking force
1500 N
Service life
20000 double strokes *
OPEN running speed
6.7 mm/s
OPEN running speed ‑ SHEV
13.6 mm/s
CLOSED running speed
6.7 mm/s
Type of protection
IP 32
Emission sound pressure level
LpA ≤ 35 dB(A)
Temperature range
‑5 °C ... +75 °C
Housing
Aluminium
Surface
Powder‑coated
Colour
White aluminium (~ RAL 9006)
Connection
2.5 m silicone cable
W x H x D
530 x 30 x 35 mm
Weight
1.40 kg
Type
Art. No.
Stroke
Remark
CDC‑0252‑0600‑1‑ACB M1‑R
26.101.05
600 mm
Right type
CDC‑0252‑0600‑1‑ACB M1‑L
26.101.10
600 mm
Left type
CDC‑0252‑0600‑1‑ACB M2‑R
26.101.06
600 mm
Right type
CDC‑0252‑0600‑1‑ACB S1‑L
26.101.11
600 mm
Left type
CDC‑1‑ACB
26.100.00
Variable equipment possible
Brackets are not included and have to be ordered separately.
Article also available with the following permissions under other article
numbers. Technical data may deviate.
C
US
5014068.16004
0
0
100 200 300 400 500 600 700
100
200
300
400
50
250
23
Stroke/mm
800 900
Permanent
Option 400 N
Dimensions
All specifications in mm
Design
* For vertical use, please consult with D+H Sales!
Pressure load diagram
Technical data
Approvals / Certificates
Find out about permission details from your D+H Partner
Status 01/2018



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com