Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR1540CT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBR1540CT
Description  15A Schottky Barrier Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR1540CT Datasheet(HTML) 3 Page - Vishay Siliconix

  MBR1540CT Datasheet HTML 1Page - Vishay Siliconix MBR1540CT Datasheet HTML 2Page - Vishay Siliconix MBR1540CT Datasheet HTML 3Page - Vishay Siliconix MBR1540CT Datasheet HTML 4Page - Vishay Siliconix MBR1540CT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBR1530CT–MBR1560CT
Vishay Lite–On Power Semiconductor
Rev. A2, 24-Jun-98
3 (5)
0
50
100
150
200
250
300
1
10
100
Number of Cycles at 60 Hz
15343
Figure 3. Max. Peak Forward Surge Current vs.
Number of Cycles
100
1000
4000
0.1
1.0
10
100
VR – Reverse Voltage ( V )
15344
f = 1 MHZ
Tj = 25°C
VSIG = 50mV p–p
Figure 4. Typ. Diode Capacitance vs. Reverse Voltage
0.001
0.01
0.1
1.0
10
0
20
40
60
80
100 120
140
Percent of Rated Peak Reverse Voltage (%)
15345
Tj = 75°C
Tj = 25°C
Tj = 125°C
Tj = 150°C
Figure 5. Typ. Reverse Current vs. Percent of
Rated Peak Reverse Voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com