Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPD9105W-2/TR Datasheet(PDF) 3 Page - Will Semiconductor Ltd.

Part # SPD9105W-2/TR
Description  1 Lines, Bi-directional, low Capacitance Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

SPD9105W-2/TR Datasheet(HTML) 3 Page - Will Semiconductor Ltd.

  SPD9105W-2/TR Datasheet HTML 1Page - Will Semiconductor Ltd. SPD9105W-2/TR Datasheet HTML 2Page - Will Semiconductor Ltd. SPD9105W-2/TR Datasheet HTML 3Page - Will Semiconductor Ltd. SPD9105W-2/TR Datasheet HTML 4Page - Will Semiconductor Ltd. SPD9105W-2/TR Datasheet HTML 5Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPD9105W
Will Semiconductor Ltd.
3
Revision 1.1, 2014/11/24
Typical characteristics (TA = 25
oC, unless otherwise noted)
8/20
μs waveform per IEC61000-4-5
Clamping voltage vs. Peak pulse current
Non-repetitive peak pulse power vs. Pulse time
Contact discharge current waveform per IEC61000-4-2
Capacitance vs. Reverse voltage
Power derating vs. Ambient temperature
-3
-2
-1
0
1
2
3
0.4
0.6
0.8
1.0
1.2
1.4
1.6
f = 1MHz
V
AC = 50mV
V
R - Reverse voltage (V)
1
10
100
1000
0.01
0.1
1
10
Pulse time (
µs)
0
25
50
75
100
125
150
0
20
40
60
80
100
T
A - Ambient temperature (
oC)
0
5
10
15
20
25
4
6
8
10
12
14
16
Pulse waveform: t
p = 8/20µs
I
PP - Peak pulse current (A)
t
60ns
30ns
t
r = 0.7~1ns
10
90
100
Time (ns)
0
0
100
20
90
50
10
T
2
T
1
Front time: T
1= 1.25 × T = 8µs
Time to half-value: T
2= 20µs
Time (
µs)
T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com