Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPD9811B-2/TR Datasheet(PDF) 3 Page - Will Semiconductor Ltd.

Part # SPD9811B-2/TR
Description  1-Line, Bi-directional, Thyristor Surge Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

SPD9811B-2/TR Datasheet(HTML) 3 Page - Will Semiconductor Ltd.

  SPD9811B-2/TR Datasheet HTML 1Page - Will Semiconductor Ltd. SPD9811B-2/TR Datasheet HTML 2Page - Will Semiconductor Ltd. SPD9811B-2/TR Datasheet HTML 3Page - Will Semiconductor Ltd. SPD9811B-2/TR Datasheet HTML 4Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPD9811B
Will Semiconductor Ltd.
3
Revision 1.2, 2016/12/22
Typical characteristics (TA=25
oC, unless otherwise noted)
Definitions of electrical characteristics
Peak pulse current waveform
Normalized VS Change vs. Junction Temperature
Normalized Holding Current vs. Case Temperature
-25
0
25
50
75
100
125
150
-4
-2
0
2
4
6
8
Junction Temperature(T
J) -
℃
-25
0
25
50
75
100
125
150
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Case Temperature(T
C) -
℃
25℃
I
DRM
V
S
H
T
T
V
IS
I
I
DRM
V
-V
+V
+I
-I
0
tr = rise time to peak value
td = decay time to half value
t
d
t
r
Waveform = tr ×td
Peak Value
Half Value
50
100
t-Time (μs)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com