Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZA-0300-0600-1-PLP-R Datasheet(PDF) 2 Page - D+H Mechatronic AG

Part # ZA-0300-0600-1-PLP-R
Description  Rack and pinion drives
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DH [D+H Mechatronic AG]
Direct Link  https://www.dh-partner.com/
Logo DH - D+H Mechatronic AG

ZA-0300-0600-1-PLP-R Datasheet(HTML) 2 Page - D+H Mechatronic AG

  ZA-0300-0600-1-PLP-R Datasheet HTML 1Page - D+H Mechatronic AG ZA-0300-0600-1-PLP-R Datasheet HTML 2Page - D+H Mechatronic AG ZA-0300-0600-1-PLP-R Datasheet HTML 3Page - D+H Mechatronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
G 500001
ZE
RTIFIZIERT
CERTIFIED
EN 12101-2
UR
O RWA
D+H E
UR
46
12
160
6
A
30
30
Ø
104
Supply
24 V DC / ±15 % / 0.5 A
Duty cycle
30 %
Force of pressure
300 N
Tensile force
300 N
Nominal locking force
1100 N
Service life
20000 double strokes *
OPEN running speed
7.1 mm/s
OPEN running speed ‑ SHEV
8 mm/s
CLOSED running speed
7.1 mm/s
Type of protection
IP 65
Emission sound pressure level
LpA ≤ 70 dB(A)
Temperature range
‑5 °C ... +75 °C
Fire resistance
B300 (30 min / 300 °C)
Housing
Aluminium / Polycarbonate
Surface
Powder‑coated
Colour
White aluminium (~ RAL 9006)
Connection
2.5 m silicone cable
Type
Art. No.
Stroke
Dimension A
Weight
Remark
ZA‑0300‑0350‑1‑PLP‑R
27.005.05
350 mm
512 mm
1.72 kg
ZA‑0300‑0500‑1‑PLP‑R
27.005.10
500 mm
662 mm
1.95 kg
ZA‑0300‑0600‑1‑PLP‑R
27.005.15
600 mm
762 mm
2.10 kg
ZA‑0300‑0800‑1‑PLP‑R
27.005.20
800 mm
962 mm
2.40 kg
Without holes on bottom, only for topside mounting
ZA‑1‑PLP
27.005.00
Variable equipment possible
Brackets are not included and have to be ordered separately.
Article also available with the following permissions under other article
numbers. Technical data may deviate.
C
US
0
0
500
700
900
1100
1500
1300
0
100
200
500
300
400
Stroke/mm
Permanent
Dimensions
All specifications in mm
Design
* For vertical use, please consult with D+H Sales!
Pressure load diagram
Technical data
Approvals / Certificates
Find out about permission details from your D+H Partner
Status 01/2018



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com