Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM5049VT Datasheet(PDF) 2 Page - Excelliance MOS Corp.

Part # EM5049VT
Description  2A Sink/Source Bus Termination Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5049VT Datasheet(HTML) 2 Page - Excelliance MOS Corp.

  EM5049VT Datasheet HTML 1Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 2Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 3Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 4Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 5Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 6Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 7Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 8Page - Excelliance MOS Corp. EM5049VT Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2013/08/30
A.1
2
EM5049
Pin Assignment
Pin Name
Pin No.
Pin Function
EN
1
Enable. Active high control pin. If this pin is floating, an internal pull high current
source (3uA typical) will enable the regulator. Pulling the pin below 0.4V turns the
regulator off.
FB
2
Feedback. The inverting input pin of error amplifier.
VOUT
3,4,5
Output Voltage. VOUT is power output pin. Minimum 10uF low ESR ceramic
capacitor is required at this pin for stabilizing VOUT voltage.
VIN
6,7,8
Input Voltage. This is the drain input to the power device that supplies current to
the output pin. Minimum 10uF low ESR ceramic capacitor is recommended at this
pin.
REF
9
Reference Voltage Input. This pin is the non-inverting input of the error amplifier.
The FB voltage is regulated to track the 1/2 reference voltage input.
CNTL
10
Supply Input for Control Circuit. CNTL provides supply voltage to the control
circuitry and driver for the pass transistor. The driving capability of output current
is proportioned to the VCNTL.
GND
11
GND
Function Block Diagram
1
VOUT
E
REF
G D
Control
Logic
9
CT L
11
Current
Limit
3/4/5
6/7/8
VI
+
__
Thermal
SD
Power On
Reset
10
2
FB
200K
200K
30p



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com