Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM5303 Datasheet(PDF) 10 Page - Excelliance MOS Corp.

Part # EM5303
Description  5V/12V Synchronous Buck PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5303 Datasheet(HTML) 10 Page - Excelliance MOS Corp.

Back Button EM5303 Datasheet HTML 3Page - Excelliance MOS Corp. EM5303 Datasheet HTML 4Page - Excelliance MOS Corp. EM5303 Datasheet HTML 5Page - Excelliance MOS Corp. EM5303 Datasheet HTML 6Page - Excelliance MOS Corp. EM5303 Datasheet HTML 7Page - Excelliance MOS Corp. EM5303 Datasheet HTML 8Page - Excelliance MOS Corp. EM5303 Datasheet HTML 9Page - Excelliance MOS Corp. EM5303 Datasheet HTML 10Page - Excelliance MOS Corp. EM5303 Datasheet HTML 11Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
2012/10/16
Rev.A.7
10
EM5303/A
The capacitor voltage rating should be at least 1.25
times greater than the maximum input voltage and
a voltage rating of 1.5 times is a conservative
guideline. The RMS current rating requirement can
be expressed as the following equation:
D)
-
D(1
I
I
OUT
RMS
=
For a through hole design, several electrolytic
capacitors may be needed. For surface mount
designs, solid tantalum capacitors can also be used
but caution must be exercised with regard to the
capacitor surge current rating. These capacitors
must be capable of handling the surge current at
power-up. Some capacitor series available from
reputable manufacturers are surge current tested.
Power MOSFET Selection
The EM5303/A requires two N-Channel power
MOSFETs. These should be selected based upon
on-resistance, breakdown voltage, gate supply
requirement,
and
thermal
management
requirements.
In high current applications, the MOSFET power
dissipation, package selection and heat sink are the
dominate design factor. The power dissipation
includes two loss components: conduction loss and
switching loss. The conduction losses are the
largest component of power dissipation for both
the upper and lower MOSFETs. These losses are
distributed between the two MOSFETs according
to duty factor.
The power dissipations in the two MOSFETs are
approximately the following equation:
SW
SW
IN
OUT
DS(ON)
OUT
2
UPPER
t
F
V
I
D
*
R
*
I
PD
*
*
*
*
5
.
0
+
=
D)
-
(1
*
R
*
I
PD
DS(ON)
OUT
2
LOWER
=
Where D is the duty cycle, tSW is the combined
switch ON and OFF time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com