Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM5812AGE Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EM5812AGE
Description  12A 5V/12V Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5812AGE Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EM5812AGE Datasheet HTML 1Page - Excelliance MOS Corp. EM5812AGE Datasheet HTML 2Page - Excelliance MOS Corp. EM5812AGE Datasheet HTML 3Page - Excelliance MOS Corp. EM5812AGE Datasheet HTML 4Page - Excelliance MOS Corp. EM5812AGE Datasheet HTML 5Page - Excelliance MOS Corp. EM5812AGE Datasheet HTML 6Page - Excelliance MOS Corp. EM5812AGE Datasheet HTML 7Page - Excelliance MOS Corp. EM5812AGE Datasheet HTML 8Page - Excelliance MOS Corp. EM5812AGE Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2012/10/04
A.3
4
EM5812/A
Absolute Maximum Ratings (Note 1)
Supply voltage, VCC----------------------------------------------------------------
-0.3V to 16V
Supply voltage, VIN----------------------------------------------------------------
-0.3V to 16V
PHASE to GND
DC--------------------------------------------------------------------------------------
-5V to 16V
<200ns--------------------------------------------------------------------------------
-10V to 32V
BOOT to PHASE---------------------------------------------------------------------
16V
BOOT to GND
DC--------------------------------------------------------------------------------------
-0.3V to PHASE+16V
<200ns--------------------------------------------------------------------------------
-0.3V to 42V
LGATE
DC-------------------------------------------------------------------------------
-0.3V to VCC + 0.3V
<200ns-------------------------------------------------------------------------
-5V to VCC+5V
EN & FB-------------------------------------------------------------------------------
-0.3V to 6V
Power Dissipation, PD @ TA = 25°C,
PSOP-8 -------------------------------------------------------------------------------
1.33W
Package Thermal Resistance, ΘJA,
PSOP-8 (Note 2) -------------------------------------------------------------------------------
75°C/W
Junction Temperature-------------------------------------------------------------
150°C
Lead Temperature (Soldering, 10 sec.)----------------------------------------
260°C
Storage Temperature Range-----------------------------------------------------
-65°C to 150°C
ESD susceptibility (Note3)
HBM (Human Body Mode)-------------------------------------------------------
2KV
MM (Machine Mode)--------------------------------------------------------------
200V
Recommended Operating Conditions (Note4)
Supply Voltage, VCC
------------------------------------------------------------
4.5V to 13.2V
Supply Voltage, VIN
------------------------------------------------------------
2.5V to 13.2V
Junction Temperature
-------------------------------------------------------
-40°C to 125°C
Ambient Temperature
------------------------------------------------------
-40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com