Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM8565AS7 Datasheet(PDF) 12 Page - Excelliance MOS Corp.

Part # EM8565AS7
Description  HV Start-up Green-mode PWM Convertor with Brown-Out Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8565AS7 Datasheet(HTML) 12 Page - Excelliance MOS Corp.

Back Button EM8565AS7 Datasheet HTML 4Page - Excelliance MOS Corp. EM8565AS7 Datasheet HTML 5Page - Excelliance MOS Corp. EM8565AS7 Datasheet HTML 6Page - Excelliance MOS Corp. EM8565AS7 Datasheet HTML 7Page - Excelliance MOS Corp. EM8565AS7 Datasheet HTML 8Page - Excelliance MOS Corp. EM8565AS7 Datasheet HTML 9Page - Excelliance MOS Corp. EM8565AS7 Datasheet HTML 10Page - Excelliance MOS Corp. EM8565AS7 Datasheet HTML 11Page - Excelliance MOS Corp. EM8565AS7 Datasheet HTML 12Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
2013/2/4
Rev.A.4
12
EM8565A
B1
e
D
E1
EA
B
Ordering & Marking Information
Device Name: EM8565AS7 for DIP-7
Outline Drawing
DIP-7
Dimension in mm
Dimension
A
A1
A2
B
B1
C
D
E
E1
EA
e
L
Min.
0.381
3.17
9.01
6.22
7.36
8.5
2.92
Typ.
1.524
0.457
0.254
2.54
Max.
5.334
3.429
10.16
6.53
7.87
9.53
3.81
ABCDEFG: Date Code
Device : EM8565A
EM
8565A
ABCDEFG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com