Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CCLH080 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CCLH080
Description  HIGH CURRENT CURRENT LIMITING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CCLH080 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CCLH080 Datasheet HTML 1Page - Central Semiconductor Corp CCLH080 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(SEE REVERSE SIDE)
R1
CCLH080 THRU CCLH150
HIGH CURRENT
CURRENT LIMITING DIODE
JEDEC DO-35 CASE
DATA SHEET
DESCRIPTION
The CENTRAL SEMICONDUCTOR CCLH080 Series types are high current, silicon, field effect current regulator diodes
designed for applications requiring a constant current over a wide voltage range. These devices are manufactured in the
cost effective DO-35 double plug case, which provides many benefits to the user including space saving and improved
thermal characteristics. Special selections of IP (regulator current) are available for critical applications.
MAXIMUM RATINGS (TL=75°C unless otherwise noted)
SYMBOL
UNITS
Peak Operating Voltage
POV
50
V
Power Dissipation
PD
600
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
DYNAMIC
KNEE
LIMITING
TEMPERATURE
IMPEDANCE
IMPEDANCE
VOLTAGE
COEFFICIENT
ZT @ VT=25V
ZK @ VK=6.0V
VL @ IL=0.8 IP MIN
TC*
M
Ω
Ω
Ω
Ω
k
Ω
Ω
Ω
Ω
V
%/°C
MIN
NOM
MAX
MIN
MIN
MAX
CCLH080
6.56
8.20
9.84
0.32
15
3.1
-0.25 TO -0.45
CCLH100
8.00
10.0
12.0
0.17
6.0
3.5
-0.25 TO -0.45
CCLH120
9.60
12.0
14.4
0.08
3.0
3.8
-0.25 TO -0.45
CCLH150
12.0
15.0
18.0
0.03
2.0
4.3
-0.25 TO -0.45
TYPE NO.
REGULATOR
CURRENT(1)
IP @ VT=25V
mA
*The Temperature Coefficient is measured between the following points: +25°C, +50°C
(1) PULSED METHOD PULSE WIDTH (ms) = 27.5 / IP NOM (mA)


Similar Part No. - CCLH080

ManufacturerPart #DatasheetDescription
logo
Clarke International
CCLH1 CLARKE-CCLH1 Datasheet
1Mb / 8P
MANUAL LOG SPLITTER
DL1020 ISS 1
logo
Central Semiconductor C...
CCLHM080 CENTRAL-CCLHM080 Datasheet
103Kb / 2P
SURFACE MOUNT HIGH CURRENT CURRENT LIMITING DIODE
CCLHM080 CENTRAL-CCLHM080 Datasheet
307Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON CURRENT LIMITING DIODE
CCLHM080 CENTRAL-CCLHM080_10 Datasheet
307Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON CURRENT LIMITING DIODE
CCLHM100 CENTRAL-CCLHM100 Datasheet
103Kb / 2P
SURFACE MOUNT HIGH CURRENT CURRENT LIMITING DIODE
More results

Similar Description - CCLH080

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CCLHM080 CENTRAL-CCLHM080 Datasheet
103Kb / 2P
SURFACE MOUNT HIGH CURRENT CURRENT LIMITING DIODE
CCLM0035 CENTRAL-CCLM0035 Datasheet
303Kb / 2P
CURRENT LIMITING DIODE
CMCL1300 CENTRAL-CMCL1300 Datasheet
75Kb / 1P
CURRENT LIMITING DIODE
CCL0035 CENTRAL-CCL0035 Datasheet
75Kb / 2P
CURRENT LIMITING DIODE
CCLHM080 CENTRAL-CCLHM080_10 Datasheet
307Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON CURRENT LIMITING DIODE
logo
Micro Commercial Compon...
CLD20B MCC-CLD20B Datasheet
656Kb / 4P
20mA Current Limiting Diode
logo
Central Semiconductor C...
1N5283 CENTRAL-1N5283 Datasheet
341Kb / 2P
SILICON CURRENT LIMITING DIODE DESCRIPTION:
logo
Digitron Semiconductors
CCL0035 DIGITRON-CCL0035 Datasheet
73Kb / 1P
CURRENT LIMITING DIODE
logo
Micro Commercial Compon...
CLD20B MCC-CLD20B_16 Datasheet
321Kb / 4P
20mA Current Limiting Diode
CLD20 MCC-CLD20 Datasheet
233Kb / 4P
20mA Current Limiting Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com