Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS1743 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1743
Description  Y2KC Nonvolatile Timekeeping RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1743 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS1743 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1743 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS1743/DS1743P
Y2KC Nonvolatile Timekeeping RAM
www.artschip.com
2
DESCRIPTION
The DS1743 is a full function, year 2000-compliant (Y2KC), real-time clock/calendar (RTC) and 8k x 8 non-volatile static RAM.
User access to all registers within the DS1743 is accomplished with a bytewide interface as shown in Figure 1. The Real Time
Clock (RTC) information and control bits reside in the eight uppermost RAM locations. The RTC registers contain century, year,
month, date, day, hours, minutes, and seconds data in 24-hour BCD format. Corrections for the day of the month and leap year
are made automatically. The RTC clock registers are double buffered to avoid access of incorrect data that can occur during clock
update cycles. The double buffered system also prevents time loss as the timekeeping countdown continues unabated by access
to time register data. The DS1743 also contains its own power-fail circuitry, which deselects the device when the Vcc supply is in
an out of tolerance condition. This feature prevents loss of data from unpredictable system operation brought on by low Vcc as
errant access and update cycles are avoided.
PACKAGES
The DS1743 is available in two packages (28-pin DIP and 34-pin PowerCap module). The 28-pin DIP style module integrates the
crystal, lithium energy source, and silicon all in one package. The 34-pin PowerCap Module Board is designed with contacts for
connection to a separate PowerCap (DS9034PCX) that contains the crystal and battery. This design allows the PowerCap to be
mounted on top of the DS1743P after the completion of the surface mount process. Mounting the PowerCap after the surface
mount process prevents damage to the crystal and battery due to the high temperatures required for solder reflow. The PowerCap
is keyed to prevent reverse insertion. The PowerCap Module Board and PowerCap are ordered separately and shipped in
separate containers. The part number for the PowerCap is DS9034PCX.
CLOCK OPERATIONS-READING THE CLOCK
While the double buffered register structure reduces the chance of reading incorrect data, internal updates to
the DS1743 clock registers should be halted before clock data is read to prevent reading of data in transition.
However, halting the internal clock register updating process does not affect clock accuracy. Updating is halted
when a 1 is written into the read bit, bit 6 of the century register, see Table 2. As long as a 1 remains in that
position, updating is halted. After a halt is issued, the registers reflect the count,that is day, date, and time that
was current at the moment the halt command was issued. However, the internal clock registers of the
double-buffered system continue to update so that the clock accuracy is not affected by the access of data. All
of the DS1743 registers are updated simultaneously after the internal clock register updating process has been
re-enabled. Updating is within a second after the read bit is written to 0.
The READ bit must be a zero for a minimum of 500 µs to ensure the external registers will be updated.
DS1743 BLOCK DIAGRAM Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com