Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS1744-70 Datasheet(PDF) 13 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1744-70
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1744-70 Datasheet(HTML) 13 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button DS1744-70 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744-70 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744-70 Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744-70 Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744-70 Datasheet HTML 13Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744-70 Datasheet HTML 14Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744-70 Datasheet HTML 15Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744-70 Datasheet HTML 16Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1744-70 Datasheet HTML 17Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DS1744/DS1744P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
www.artschip.com
13
POWER-UP/DOWN CHARACTERISTICS (3.3V)
(Vcc = 3.3V ± 10%, TA = Over the operating range.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
or
at VIH, Before Power-Down
tPD
0
µs
VCC Fall Time: VPF(MAX) to VPF(MIN)
tF
300
µs
VCC Rise Time: VPF(MIN) to VPF(MAX)
tR
0
µs
VPF to RST High
tREC
35
ms
Expected Data-Retention Time (Oscillator ON) tDR
10
years
5, 6
POWER-UP./DOWN WAVEFORM TIMING (3.3V DEVICE)
CAPACITANCE
(TA=+25
℃)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Capacitance On All Input Pins
CIN
14
pF
Capacitance On All Output Pins
CO
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com