Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HCT2G02DP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HCT2G02DP
Description  Dual 2-input NOR gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT2G02DP Datasheet(HTML) 3 Page - NXP Semiconductors

  74HCT2G02DP Datasheet HTML 1Page - NXP Semiconductors 74HCT2G02DP Datasheet HTML 2Page - NXP Semiconductors 74HCT2G02DP Datasheet HTML 3Page - NXP Semiconductors 74HCT2G02DP Datasheet HTML 4Page - NXP Semiconductors 74HCT2G02DP Datasheet HTML 5Page - NXP Semiconductors 74HCT2G02DP Datasheet HTML 6Page - NXP Semiconductors 74HCT2G02DP Datasheet HTML 7Page - NXP Semiconductors 74HCT2G02DP Datasheet HTML 8Page - NXP Semiconductors 74HCT2G02DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2003 May 14
3
Philips Semiconductors
Product specification
Dual 2-input NOR gate
74HC2G02; 74HCT2G02
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level.
INPUT
OUTPUT
nA
nB
nY
LL
H
LHL
HL
L
HH
L
ORDERING INFORMATION
PINNING
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74HC2G02DP
−40 to +125 °C
8
TSSOP8
plastic
SOT505-2
H02
74HCT2G02DP
−40 to +125 °C
8
TSSOP8
plastic
SOT505-2
T02
74HC2G02DC
−40 to +125 °C
8
VSSOP8
plastic
SOT765-1
H02
74HCT2G02DC
−40 to +125 °C
8
VSSOP8
plastic
SOT765-1
T02
PIN
SYMBOL
DESCRIPTION
1
1A
data input
2
1B
data input
3
2Y
data output
4
GND
ground (0 V)
5
2A
data input
6
2B
data input
7
1Y
data output
8VCC
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com