Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRM020N10D Datasheet(PDF) 2 Page - PFC Device Inc.

Part # PRM020N10D
Description  100V Single N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PRM020N10D Datasheet(HTML) 2 Page - PFC Device Inc.

  PRM020N10D Datasheet HTML 1Page - PFC Device Inc. PRM020N10D Datasheet HTML 2Page - PFC Device Inc. PRM020N10D Datasheet HTML 3Page - PFC Device Inc. PRM020N10D Datasheet HTML 4Page - PFC Device Inc. PRM020N10D Datasheet HTML 5Page - PFC Device Inc. PRM020N10D Datasheet HTML 6Page - PFC Device Inc. PRM020N10D Datasheet HTML 7Page - PFC Device Inc. PRM020N10D Datasheet HTML 8Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
Version 4.1
2 / 8
www.pfc-device.com
PRM020N10D
1. Characteristics
Maximum Ratings Characteristics
( TA = 25
oC unless otherwise specified )
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
100
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current
– Continuous (T
C=25℃)
40
A
Drain Current
– Continuous (T
C=100℃)
25.3
A
IDM
Drain Current
– Pulsed
1
160
A
EAS
Single Pulse Avalanche Energy
2
45
mJ
IAS
Single Pulse Avalanche Current
2
30
A
PD
Power Dissipation (TC=25℃)
69.4
W
Power Dissipation
– Derate above 25℃
0.55
W/℃
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
62
℃/W
RθJC
Thermal Resistance Junction to Case
---
1.8
℃/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com