Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADT7466 Datasheet(PDF) 21 Page - Analog Devices

Part # ADT7466
Description  dBCool Remote Thermal Controller and Voltage Monitor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7466 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADT7466 Datasheet HTML 17Page - Analog Devices ADT7466 Datasheet HTML 18Page - Analog Devices ADT7466 Datasheet HTML 19Page - Analog Devices ADT7466 Datasheet HTML 20Page - Analog Devices ADT7466 Datasheet HTML 21Page - Analog Devices ADT7466 Datasheet HTML 22Page - Analog Devices ADT7466 Datasheet HTML 23Page - Analog Devices ADT7466 Datasheet HTML 24Page - Analog Devices ADT7466 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
ADT7466
Rev. 0 | Page 21 of 48
Analog Monitoring Cycle Time
The analog monitoring cycle begins when a 1 is written to the
start bit (Bit 0) of Configuration Register 1 (0x00). The ADC
measures each analog input in turn, and, as each measurement
is completed, the result is automatically stored in the appropriate
value register. This round-robin monitoring cycle continues
until disabled by writing a 0 to Bit 0 of Configuration Register 1.
Since the ADC is normally left to free-run in this manner, the
time to monitor all the analog inputs is normally not of interest,
because the most recently measured value of any input can be
read at any time.
For applications where the monitoring cycle time is important,
it can easily be calculated from the measurement times of the
individual channels. With averaging turned on, each
measurement is taken 16 times and the averaged result is placed
in the value register. The worst-case monitoring cycle times for
averaging turned on and off is described in Table 15.
Fan tach measurements are made in parallel but independently
and are not synchronized with the analog measurements.
Table 15. Monitoring Cycle Time
Monitoring Cycle Time
Channel
Avg On
Avg Off
Local temperature
Remote 1 temperature
Remote 2 temperature
AIN1/Thermistor 1
AIN2/Thermistor 2
VCC
8.99 ms
36.69 ms
36.69 ms
8.65 ms
8.65 ms
8.26ms
1.36 ms
6.25 ms
6.25 ms
1.02 ms
1.02 ms
0.61ms
Total1
71.24 ms
10.26ms
Total2
90.63 ms
14.47 ms
1 Pin 11 and Pin 12 configured for AIN/thermistor monitoring. The total
excludes the Remote 2 temperature time.
2 Pin 11 and Pin 12 configured for second thermal diode monitoring. The total
excludes the AIN1/Thermistor 1 and AIN2/Thermistor 2 times.
ADDITIONAL ADC FUNCTIONS
A number of other functions are available on the ADT7466 to
offer the systems designer increased flexibility.
Turn Off Averaging
For each temperature measurement read from a value register,
16 readings have actually been made internally and the results
averaged before being placed into the value register. The user
may want to take a very fast measurement, for example, of CPU
temperature. Setting Bit 4 of Configuration Register 2 (0x01)
turns averaging off.
Single-Channel ADC Conversions
Setting Bit 3 of Configuration Register 4 (Address 0x03) places
the ADT7466 into single-channel ADC conversion mode. In
this mode, the ADT7466 can be made to read a single
temperature channel only. The selected input is read every
1.4 ms. The appropriate ADC channel is selected by writing to
Bits 2:0 of Configuration Register 4 (Address 0x03).
Table 16. ADC Single-Channel Selection
Bits 2:0, Reg. 0x03
Channel Selected
000
AIN1/ Thermistor1
001
AIN2/ Thermistor2
010
VCC
011
Remote 1 temperature
100
Local temperature
101
Remote 2 temperature
LIMIT VALUES
High and low limits are associated with each measurement
channel on the ADT7466. These limits can form the basis of
system status monitoring; a status bit can be set for any out-of-
limit condition and detected by polling the device. Alternatively,
ALERT interrupts can be generated to flag out-of-limit
conditions for a processor or microcontroller.
Voltage and temperature limits are only 8-bit values and are
compared with the 8 MSBs of the voltage and temperature
values.
8-Bit Limits
The following tables list the 8-bit limits on the voltage limit and
temperature limit registers of the ADT7466.
Table 17. Voltage Limit Registers
Register
Description
Default
0x14
AIN1 low limit
0x00
0x15
AIN1 high limit
0xFF
0x16
AIN2 low limit
0x00
0x17
AIN2 high limit
0xFF
0x18
VCC low limit
0x00
0x19
VCC high limit
0xFF
Table 18. Temperature Limit Registers
Register
Description
Default
0x1A
Remote temperature low limit
0x00
0x1B
Remote temperature high limit
0x7F
0x1C
Local temperature low limit
0x00
0x1D
Local temperature high limit
0x7F
0x1E
PROCHOT limit
0x00
0x1F
AIN1(TH1)/REM2 THERM limit
0x64
0x20
AIN2(TH2) THERM limit
0x64
0x21
Remote THERM limit
0x64
0x22
Local THERM limit
0x64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com