Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C109-12VC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C109-12VC
Description  128K x 8 Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C109-12VC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C109-12VC Datasheet HTML 4Page - Cypress Semiconductor CY7C109-12VC Datasheet HTML 5Page - Cypress Semiconductor CY7C109-12VC Datasheet HTML 6Page - Cypress Semiconductor CY7C109-12VC Datasheet HTML 7Page - Cypress Semiconductor CY7C109-12VC Datasheet HTML 8Page - Cypress Semiconductor CY7C109-12VC Datasheet HTML 9Page - Cypress Semiconductor CY7C109-12VC Datasheet HTML 10Page - Cypress Semiconductor CY7C109-12VC Datasheet HTML 11Page - Cypress Semiconductor CY7C109-12VC Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CY7C109
CY7C1009
Document #: 38-05032 Rev. **
Page 9 of 12
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
10
CY7C109-10VC
V33
32-Lead (400-Mil) Molded SOJ
Commercial
CY7C1009-10VC
V32
32-Lead (300-Mil) Molded SOJ
CY7C1009L-10VC
V32
32-Lead (300-Mil) Molded SOJ
12
CY7C109-12VC
V33
32-Lead (400-Mil) Molded SOJ
CY7C1009-12VC
V32
32-Lead (300-Mil) Molded SOJ
CY7C1009L-12VC
V32
32-Lead (300-Mil) Molded SOJ
CY7C109-12ZC
Z32
32-Lead TSOP Type I
15
CY7C109–15VC
V33
32-Lead (400-Mil) Molded SOJ
CY7C1009-15VC
V32
32-Lead (300-Mil) Molded SOJ
CY7C1009L-15VC
V32
32-Lead (300-Mil) Molded SOJ
CY7C109–15ZC
Z32
32-Lead TSOP Type I
20
CY7C109–20VC
V33
32-Lead (400-Mil) Molded SOJ
CY7C1009-20VC
V32
32-Lead (300-Mil) Molded SOJ
CY7C109–20VI
V33
32-Lead (400-Mil) Molded SOJ
Industrial
CY7C109–20ZC
Z32
32-Lead TSOP Type I
Commercial
CY7C109-20ZI
Z32
32-Lead TSOP Type I
Industrial
25
CY7C109–25VC
V33
32-Lead (400-Mil) Molded SOJ
Commercial
CY7C1009-25VC
V32
32-Lead (300-Mil) Molded SOJ
CY7C109–25VI
V33
32-Lead (400-Mil) Molded SOJ
Industrial
CY7C109–25ZC
Z32
32-Lead TSOP Type I
Commercial
CY7C109-25ZI
Z32
32-Lead TSOP Type I
Industrial
35
CY7C109–35VC
V33
32-Lead (400-Mil) Molded SOJ
Commercial
CY7C1009-35VC
V32
32-Lead (300-Mil) Molded SOJ
CY7C109–35VI
V33
32-Lead (400-Mil) Molded SOJ
Industrial
Shaded areas contain preliminary information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com