Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SARS-SH-112HMDC Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SARS-SH-112HMDC
Description  Automotive Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SARS-SH-112HMDC Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SARS-SH-112HMDC Datasheet HTML 1Page - Sanyou Corporation Limited SARS-SH-112HMDC Datasheet HTML 2Page - Sanyou Corporation Limited SARS-SH-112HMDC Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
SARS
SARS -S - 1 12
D
M R - XX
Ordering Information
Nomenclature
Outline Dimensions, Wiring Diagram (unit:mm)
Unless otherwise specified:
If dimension <1mm, tolerance: ±0.2mm;
If dimension 1~5mm, tolerance: ±0.3mm;
If dimension >5mm, tolerance: ±0.4mm.
Note: 1. Extended terminal dimension is dimension before soldering.
2. Tolerance of m
h
s:±0.1mm.
ounting ole
Accessory Form:Nil-Without accessory,
D-With
R-With resistor
,
DC-With diodes(see wiring diagram)
diode,
Contact Form:Nil-Form C, M-Form A
Coil Power:
Coil Voltage (VDC):12,24
Number of Poles:1-1 Pole
Protective Construction:Nil-Dust cover
SH-Sealed type washable
Type Designation:SARS
Special Parameter:Nil-Standard type,
Letter or number-Special requirement
S-Flux proofed
(at 20℃)
Coil Data
22.5
15
6
8
3.25
2-0.8±0.1
4.8±0.1
6.3±0.1
1.8±0.1
1.3±0.1
D-1.2W/1.4W,H-1.6/1.8W
120
---
680
---
102
≤60%
≥10%
15.6
1.2
1.4
12
12
100
120
100
15.6
12
90
680
79.5
15.6
1.8
24
24
50
50
480
480
2700
---
---
407.5
31.2
31.2
1.2
1.4
15.6
12
133
90
---
---
1.6
24
66.7
360
1.6
---
---
133
24
66.7
360
2700
317.6
31.2
31.2
1.8
≤60%
≥10%
Parallel
(Ω)
Equivalent
(Ω)
Pick-up
(VDC)
Drop-out
(Min.)
Nominal
(W)
Max.
Allowable
Nominal
(VDC)
voltage
Nominal
operating
current
±10% (mA)
Coil
resistance resistance resistance voltage
voltage
voltage
operating
power



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com