Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SARS-SH-124HMDC Datasheet(PDF) 3 Page - Sanyou Corporation Limited

Part # SARS-SH-124HMDC
Description  Automotive Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SARS-SH-124HMDC Datasheet(HTML) 3 Page - Sanyou Corporation Limited

  SARS-SH-124HMDC Datasheet HTML 1Page - Sanyou Corporation Limited SARS-SH-124HMDC Datasheet HTML 2Page - Sanyou Corporation Limited SARS-SH-124HMDC Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
SARS
1、Max. Allowable load range
Switching current(A)
Wiring Diagram (bottom view)
Typical Applications
Characteristic Curves
● Heater, fan control, fuel pump control, wiper control, headlight control.
● Car air conditioner, electromagnet control, lighting control, interlocks, office equipment, etc.
Disclaimer:
This datasheet is the customers' reference. All the specification are subject to change without notice.
We could not evaluate all the performance and all the parameters for every possible application.Thus the
user should in a right position to choose the suitable product for their own application.If there is any query,
please contact Sanyou for the technical service.However it is the user's responsibility to determine which
product should be used only.
Dongguan Sanyou Electrical appliance Co.,LTD,All rights of Sanyou to reserved
with not accessory
with risistor
with diode(D type)
with diode(DC type)
50
40
30
20
10
0
1
5
10
20 30 40 50
100
0.1
0.5
instruction:This figure is a case study of the
open side
NO
30
50
70
90
110
130
95
100 105 110 115 120 125 130 135 140 145 150
35A
20A
0A
coil voltage(Rated voltage)
140
2.coil continuous voltage range
instruction:when the relay coil is applied to the maximum
continuous operating voltage,the contact
should not be loaded



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com