Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSM7N65CT Datasheet(PDF) 1 Page - PFC Device Inc.

Part # PSM7N65CT
Description  7.3A 650V Single N?륝hannel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PSM7N65CT Datasheet(HTML) 1 Page - PFC Device Inc.

  PSM7N65CT Datasheet HTML 1Page - PFC Device Inc. PSM7N65CT Datasheet HTML 2Page - PFC Device Inc. PSM7N65CT Datasheet HTML 3Page - PFC Device Inc. PSM7N65CT Datasheet HTML 4Page - PFC Device Inc. PSM7N65CT Datasheet HTML 5Page - PFC Device Inc. PSM7N65CT Datasheet HTML 6Page - PFC Device Inc. PSM7N65CT Datasheet HTML 7Page - PFC Device Inc. PSM7N65CT Datasheet HTML 8Page - PFC Device Inc. PSM7N65CT Datasheet HTML 9Page - PFC Device Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
 
 
 
 
 
 
 
 
 
 
 
 
 
7.3A 650V Single N‐Channel Power MOSFET 
 
 
 
 
Dec‐2016 
Version 4.1   1 / 10 
PFC Device Corporation
PSM7N65CT
www.pfc‐device.com
Major ratings and characteristics 
Characteristics
Values
Units
VDS@TJ max
650
V
RDS(ON),VGS=10V
0.57
ID
7.3
A
General Description 
PFC MLSJ (Multi-Layer Super Junction)
MOSFET technology is the ideal choice for
the PFC and PWM application. PFC device
provides practical advantages of higher
pressure-resistance, lower on-resistance to
achieve the ideal balance between the
switching speed and on-resistance.
Typical Applications 
PFC stages, hard switching PWM stages
and resonant switching stages for PC,
Adapter, LCD & PDP TV, Lighting, Server,
Telecom and UPS.
Please note: For MOSFET paralleling the use of
ferrite beads on the gate or separate totem poles is
generally recommended.
 
Features 
Advanced High Voltage Technology
Low On-Resistance
Low Gate Threshold Voltage
Low Input Capacitance
Extreme dv/dt rated
Lead Free Finish, RoHS Compliant
PSM7N65CT 
 
 
TO‐220AB 
 
 
 


Similar Part No. - PSM7N65CT

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PSM7N65CTF PFC-PSM7N65CTF Datasheet
1Mb / 10P
7.3A 650V Single N-Channel Power MOSFET
More results

Similar Description - PSM7N65CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDD03N80Z ONSEMI-NDD03N80Z_13 Datasheet
124Kb / 8P
N?륝hannel Power MOSFET
October, 2013 ??Rev. 2
logo
PFC Device Inc.
PSM7N50CT PFC-PSM7N50CT Datasheet
698Kb / 10P
7.6A 500V Single N?륝hannel Power MOSFET
PSM7N60CT PFC-PSM7N60CT Datasheet
980Kb / 10P
7.3A 600V Single N?륝hannel Power MOSFET
PSM7N65CTF PFC-PSM7N65CTF Datasheet
1Mb / 10P
7.3A 650V Single N-Channel Power MOSFET
PSM11N50CT PFC-PSM11N50CT Datasheet
735Kb / 10P
11.6A 500V Single N?륝hannel Power MOSFET
PSM11N65CT PFC-PSM11N65CT Datasheet
763Kb / 10P
11A 650V Single N?륝hannel Power MOSFET
PSM11N65CTF PFC-PSM11N65CTF Datasheet
1Mb / 10P
11A 650V Single N-Channel Power MOSFET
PSM15N60CT PFC-PSM15N60CT Datasheet
938Kb / 10P
15A 600V Single N?륝hannel Power MOSFET
PSM15N65CT PFC-PSM15N65CT Datasheet
664Kb / 10P
15A 650V Single N?륝hannel Power MOSFET
PSM16N50CT PFC-PSM16N50CT Datasheet
679Kb / 10P
16A 500V Single N?륝hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com