Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSM7N65CTF Datasheet(PDF) 4 Page - PFC Device Inc.

Part # PSM7N65CTF
Description  7.3A 650V Single N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PSM7N65CTF Datasheet(HTML) 4 Page - PFC Device Inc.

  PSM7N65CTF Datasheet HTML 1Page - PFC Device Inc. PSM7N65CTF Datasheet HTML 2Page - PFC Device Inc. PSM7N65CTF Datasheet HTML 3Page - PFC Device Inc. PSM7N65CTF Datasheet HTML 4Page - PFC Device Inc. PSM7N65CTF Datasheet HTML 5Page - PFC Device Inc. PSM7N65CTF Datasheet HTML 6Page - PFC Device Inc. PSM7N65CTF Datasheet HTML 7Page - PFC Device Inc. PSM7N65CTF Datasheet HTML 8Page - PFC Device Inc. PSM7N65CTF Datasheet HTML 9Page - PFC Device Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
Version 4.1
4 / 10
www.pfc-device.com
PSM7N65CTF
2. Characteristics Curves
Fig 1: Power Dissipation
Fig 2: Safe operating area
Ptot = f (TC)
ID = f (VDS)
parameter : D = 0, TC=25℃
Fig 3: Transient thermal impedance
Fig 4: Typ. Output Characteristics
ZthJC = = f( tp )
ID = f (VDS) ; Tj = 25℃
parameter : D=tp / T
parameter : tp = 20uS, VGS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com