Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM-K-SH-109DM-1C-R Datasheet(PDF) 4 Page - Sanyou Corporation Limited

Part # SM-K-SH-109DM-1C-R
Description  Magnetic Latching Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SM-K-SH-109DM-1C-R Datasheet(HTML) 4 Page - Sanyou Corporation Limited

  SM-K-SH-109DM-1C-R Datasheet HTML 1Page - Sanyou Corporation Limited SM-K-SH-109DM-1C-R Datasheet HTML 2Page - Sanyou Corporation Limited SM-K-SH-109DM-1C-R Datasheet HTML 3Page - Sanyou Corporation Limited SM-K-SH-109DM-1C-R Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SM-K
4/4
Operate
Release
Operate
Release
Operate
Release
Announcements
:
1 The magnetic latching relay is to be supplied with contacts close(Operate) or contacts open(Release),
2 In order to make sure the contacts are completely closed or opened,
be the nominal operate
/release voltage,
specification but less than
1 minute.
status may got changed due to unexpected shock or vibration during delivering or mounting.
Do not apply power to Operate and Release coils at the same time
.
statusaccording to your requirement
.
but the contact
You can reset the contact
energized voltage to Operate or Release coil should
impulse width should be
5 times more than specified operate/release time in the
Sanyou Corporation Limited All rights reserved. 
P.C. Board Layout of single coil (bottom view)
Wiring diagram of
single coil (bottom view)
1C
1A
1B
1C
1A
1B
positive polarity(as below)
Operate
Release
Operate
Release
Operate
Release
1C
1A
1B
reverse polarity(as below)
Disclaimer:
This datasheet is the customers' reference. All the specification are subject to change without notice.
We could not evaluate all the performance and all the parameters for every possible application.Thus the user should
in a right position to choose the suitable product for their own application.For sealed relays after installation and cleaning,
please open the vent hole on the case before use.If there is any query,please contact Sanyou for the technica service.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com