Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCSO1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MCSO1
Description  3.3V SM Oscillator Mil Temp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCSO1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCSO1 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.3V SM Oscillator Mil Temp
MCSO1V & MCSO1HV
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
18 Jul 2001
7.86
3.60
2.00
2.10
12
3
4
2.10
1.10
2.10
2.54
3.30
2.54
TOP VIEW
43
12
1.00
ACTUAL SIZE
PAD
1
2
3
4
CONNECTION
Not connected or
Enable/Disable
Ground
Output
Supply
Product name + option codes (if any) + frequency
eg: MCSO1V/TBE 16.0MHz ±50ppm -40 to +85°C Enable / disable
MCSO1HV/C 81.840MHz ±100ppm -55to +125°C
Option code X (eg MCSO1V/X) denotes a custom specification.
Ordering Information
Standard.
Optional - Please specify required code(s) when ordering
Scale 3:1
Input (pad 1)
Output (pad 3)
Enable / Disable Function
Open
‘1’ level
‘0’ level
Enabled
Enabled
High Impedance
Available on T&R (1k pcs/reel) or trays (50pcs/tray).
Refer to our website for T&R and soldering details.
Frequencies in MHz
Binary divisions of the above frequencies also available.
Features
➠ Military temperature range option
➠ Excellent shock & vibration resistance
➠ Enable / disable tristate option
➠ Wide frequency range available
Standard Frequencies
10.00000
10.15000
10.23000
10.24000
11.05920
12.00000
12.28800
12.80000
13.00000
14.74560
16.00000
16.38400
18.00000
18.43200
19.20000
19.66080
20.00000
22.11840
24.00000
25.00000
32.00000
32.76800
40.00000
40.60000
40.96000
44.23680
48.00000
49.15200
50.00000
50.75000
51.15000
51.20000
52.00000
55.29600
58.98240
60.00000
60.90000
61.38000
61.44000
64.00000
65.00000
65.53600
66.35520
72.00000
73.72800
76.80000
78.00000
80.00000
81.20000
81.84000
81.92000
88.47360
90.00000
96.00000
98.30400
100.00000
102.40000
104.00000
131.07200
132.71040
144.00000
150.00000
160.00000
Option
Codes
MCSO1V MCSO1HV
Product
Parameters
Specifications
MCSO1V: 10.0kHz ~ 20.0MHz
MCSO1HV: 20.0 ~ 160MHz
Frequency range:
10.0kHz ~ 20.0MHz
20.0 ~ 160MHz
Frequency stability:
±100ppm
±50ppm
T
±25ppm
specify
Supply voltage (V
DD):
+3.3V (±10%)
Operating temperature range:
0 to +70°C
A
-40 to +85°C
B
-55 to +125°C
C
Storage temperature range:
-65 to +125°C
Supply current (max):
5mA (<20.0MHz)
30mA (20.0 ~ 160MHz)
Driving ability: HCMOS / 10 LSTTL
ACMOS / 10 LS TTL
Logic levels:
‘0' level = +0.4V max
‘1' level = 90%V
DD min
Start up time:
5ms max
Waveform symmetry:
40:60 max @ 50%V
DD
Rise / fall times:
7ns max
4ns max
Enable / disable function:
None (pad 1 NC)
Tristate* (control via pad 1)
E
* not available under 1.0MHz
Shock resistance:
5,000G, 0.3ms, ½ sine
Vibration resistance:
10G rms 10.0 ~ 2,000Hz
Soldering condition:
260°C, 10 sec max


Similar Part No. - MCSO1

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO1 GOLLEDGE-MCSO1 Datasheet
60Kb / 1P
5V CMOS Oscillator Mil Temp
logo
MICORO CRYSTAL SWITZERL...
MCSO1 MICROCRYSTAL-MCSO1 Datasheet
52Kb / 2P
Miniature SMD Clock-Oscillator
logo
Golledge Electronics Lt...
MCSO1 GOLLEDGE-MCSO1 Datasheet
569Kb / 4P
5.0V CMOS Oscillator with Military - 55125째C Temperature Range
MCSO1/CE GOLLEDGE-MCSO1/CE Datasheet
142Kb / 1P
CMOS Oscillator
MCSO1/TBE GOLLEDGE-MCSO1/TBE Datasheet
60Kb / 1P
5V CMOS Oscillator Mil Temp
More results

Similar Description - MCSO1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GXO-U113 ETC-GXO-U113 Datasheet
56Kb / 1P
3.3V & 5V SM OSCILLATOR
CC4V ETC-CC4V Datasheet
55Kb / 1P
SM WATCH CRYSTAL MIL TEMP
logo
Golledge Electronics Lt...
CC5V GOLLEDGE-CC5V Datasheet
50Kb / 1P
SM Watch Crystal Mil Temp
logo
List of Unclassifed Man...
GXO-U108 ETC-GXO-U108 Datasheet
60Kb / 1P
3.3V & 5V SM OSCILLATOR
logo
Golledge Electronics Lt...
CC1A GOLLEDGE-CC1A Datasheet
54Kb / 1P
SM Crystal Mil Temp
CC4V GOLLEDGE-CC4V Datasheet
59Kb / 1P
SM Watch Crystal Mil Temp
MCSO1HV GOLLEDGE-MCSO1HV Datasheet
60Kb / 1P
3.3V CMOS Oscillator Mil Temp
MCSOV GOLLEDGE-MCSOV Datasheet
67Kb / 1P
3.3V CMOS Oscillator Mil Temp
CC5V GOLLEDGE-CC5V_06 Datasheet
56Kb / 1P
SM Watch Crystal Mil Temp
CC7V GOLLEDGE-CC7V_06 Datasheet
55Kb / 1P
SM Watch Crystal Mil Temp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com