Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM-K-SH-112DM-2C-R Datasheet(PDF) 3 Page - Sanyou Corporation Limited

Part # SM-K-SH-112DM-2C-R
Description  Magnetic Latching Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SM-K-SH-112DM-2C-R Datasheet(HTML) 3 Page - Sanyou Corporation Limited

  SM-K-SH-112DM-2C-R Datasheet HTML 1Page - Sanyou Corporation Limited SM-K-SH-112DM-2C-R Datasheet HTML 2Page - Sanyou Corporation Limited SM-K-SH-112DM-2C-R Datasheet HTML 3Page - Sanyou Corporation Limited SM-K-SH-112DM-2C-R Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SM-K
3/4
Release
Operate
Release
Operate
Release
Operate
P.C. Board Layout of dual
(bottom view)
coils
Wiring diagram of
dual coils(bottom view)
1 C
1 A
1 B
1 C
1 A
1 B
Outline Dimensions,Wir Diagram,P.C. Board Layout(unit: mm)
Outlie Dimensions
Unless otherwise specified
:
If dimension
<1mm, tolerance: ±0.2mm;
If dimension
1~5mm, tolerance: ±0.3mm;
If dimension
>5mm, tolerance: ±0.4mm.
Note
: 1. Extended terminal dimension is dimension
before soldering
.
2. Tolerance of mounting holes:±0.1mm.
Single coil without
this terminal
Form A without
this terminal
Form B without
this terminal
Release
Operate
Release
Operate
Release
Operate
1 C
1 A
1 B
positive polarity(as below)
reverse polarity(as below)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com