Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTU429B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MTU429B
Description  4-Bit Micro-Controller with LCD Dr
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MTU429B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MTU429B Datasheet HTML 3Page - List of Unclassifed Manufacturers MTU429B Datasheet HTML 4Page - List of Unclassifed Manufacturers MTU429B Datasheet HTML 5Page - List of Unclassifed Manufacturers MTU429B Datasheet HTML 6Page - List of Unclassifed Manufacturers MTU429B Datasheet HTML 7Page - List of Unclassifed Manufacturers MTU429B Datasheet HTML 8Page - List of Unclassifed Manufacturers MTU429B Datasheet HTML 9Page - List of Unclassifed Manufacturers MTU429B Datasheet HTML 10Page - List of Unclassifed Manufacturers MTU429B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/20
MTU429B Revision 3.0
28/Oct/1999
MTU429B
(Preliminary)
MYSON
TECHNOLOGY
4.8 Predivider
The predivider is a 15-stage counter that uses PH0 as the clock source. The output of T-F/F is changed when
the input signal is changed from H to L. PH11~15 are reset to L when PLC 100H instruction is executed, or
power-on or external reset is used. When PH14 is changed from H to L, the HALT release signal is generated.
4.9 Alarm/Frequency/Melody
There is an 8-bit programmable counter and an 8-bit envelope control for alarm, frequency or melody output
from BZ/BZB.
The frequency counter can use software to select 1/2 duty, 1/3 duty or 1/4 duty drive mode.
4.10 INT Function
The INT pin can be selected by mask option as pull-high/pull-low or none, and rising edge/falling edge trigger.
4.11 Watchdog Timer
The watchdog timer automatically generates a device reset when it overflows. The interval of overflow is 8/64/
512 x PH10 (set by mask option). You can use software to enable and disable this function. The watchdog
enable flag will be disabled by power-on reset or reset-pin reset condition, but can not be disabled by watch-
dog reset itself.
4.12 HALT Function
The HALT instruction will disable all clocks except the predivider, timer, frequency counter, PWM, EL-light
generator and chattering clock to minimize the operating current.
4.13 STOP Function
The STOP instruction will disable all clocks to minimize the standby current, so only two external factors (INT,
IOA/IOC/S port, keyscan) can release the STOP condition.
R1
R2
ELP
ELC
EL-plane
D1
LIT
ELP
ELC
FREQ
1/2 DUTY FREQ
1/3 DUTY FREQ
1/4 DUTY FREQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com