Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAM150N40C Datasheet(PDF) 2 Page - DACO SEMICONDUCTOR CO.,LTD.

Part # DAM150N40C
Description  N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.

DAM150N40C Datasheet(HTML) 2 Page - DACO SEMICONDUCTOR CO.,LTD.

  DAM150N40C Datasheet HTML 1Page - DACO SEMICONDUCTOR CO.,LTD. DAM150N40C Datasheet HTML 2Page - DACO SEMICONDUCTOR CO.,LTD. DAM150N40C Datasheet HTML 3Page - DACO SEMICONDUCTOR CO.,LTD. DAM150N40C Datasheet HTML 4Page - DACO SEMICONDUCTOR CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics @ TJ =25°C (unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
OFF Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V
IDS=250uA
40
-
-
V
Zero Gate Voltage Drain Current
IDSS
VGS=0V
VDS=40V
-
-
1
uA
Gate-Body Leakage
IGSS
VGS=±20V
VDS=0V
-
-
±100
nA
ON Characteristics
Gate Threshold Voltage
VTH
VDS=VGS
IDS=250uA
1.2
1.6
2.5
V
Static Drain-Source On-Resistance
RDS(on)
VGS=10V
IDS=25A
-
3.1
3.8
mΩ
Dynamic Characteristics
Input Capacitance
Ciss
VDS=25V
VGS=0V
Freq.=1MHz
-
4940
7800
pF
Output Capacitance
Coss
-
425
800
Reverse Transfer Capacitance
Crss
-
170
330
Switching Characteristics
Turn-On Delay Time
Td(on)
VDD=20V
VGS=10V
RG =
6Ω
IDS=1A
-
28
50
ns
Rise Time
Tr
-
3.2
6.5
Turn-Off Delay Time
Td(off)
-
89
160
Fall Time
Tf
-
14
28
Total Gate Charge
Qg
VDS=20V
VGS=4.5V
IDS=10A
-
44.4
80
nC
Gate to Source Charge
Qgs
-
9.6
18
Gate to Drain Charge
Qgd
-
16
30
Drain-Source Diode Characteristics
Diode Forward Voltage
VSD
VGS=0V
IS=1A
-
-
1
V
Notes:
1.Pulse Test: Pulse Width
300 s, Duty Cycle
2%.
2. VDD=25V,VGS=10V,L=0.1mH,IAS=79A., Starting TJ=25°C
Aug.2017
DAM150N40C
3. R JA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins.
R JC is guaranteed by design while R CA is determined by the user's board design. R JA shown below for single device operation on FR-4 in still air.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com