Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W320ET70N6F Datasheet(PDF) 9 Page - STMicroelectronics

Part # M29W320ET70N6F
Description  32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W320ET70N6F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M29W320ET70N6F Datasheet HTML 5Page - STMicroelectronics M29W320ET70N6F Datasheet HTML 6Page - STMicroelectronics M29W320ET70N6F Datasheet HTML 7Page - STMicroelectronics M29W320ET70N6F Datasheet HTML 8Page - STMicroelectronics M29W320ET70N6F Datasheet HTML 9Page - STMicroelectronics M29W320ET70N6F Datasheet HTML 10Page - STMicroelectronics M29W320ET70N6F Datasheet HTML 11Page - STMicroelectronics M29W320ET70N6F Datasheet HTML 12Page - STMicroelectronics M29W320ET70N6F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
9/46
M29W320ET, M29W320EB
Figure 6. Block Addresses (x16)
Note: Also see APPENDIX A., Table 20. and Table 21. for a full listing of the Block Addresses.
AI09349
64 KByte or
32 KWord
000000h
007FFFh
64 KByte or
32 KWord
1F0000h
1F7FFFh
Top Boot Block (x16)
Address lines A20-A0
64 KByte or
32 KWord
178000h
17FFFFh
64 KByte or
32 KWord
180000h
187FFFh
8 KByte or
4 KWord
1FF000h
1FFFFFh
8 KByte or
4 KWord
1F8000h
1F8FFFh
Total of 63
Main Blocks
Total of 8
Parameter
Blocks (1)
8 KByte or
4 KWord
000000h
000FFFh
64 KByte or
32 KWord
078000h
07FFFFh
Bottom Boot Block (x16)
Address lines A20-A0
8 KByte or
4 KWord
007000h
007FFFh
Total of 8
Parameter
Blocks (1)
64 KByte or
32 KWord
008000h
00FFFFh
64 KByte or
32 KWord
1F8000h
1FFFFFh
64 KByte or
32 KWord
080000h
087FFFh
Total of 63
Main Blocks
Note 1. Used as Extended Block Addresses in Extended Block mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com