Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SY32M-109DM2R Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SY32M-109DM2R
Description  Magnetic Latching Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SY32M-109DM2R Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SY32M-109DM2R Datasheet HTML 1Page - Sanyou Corporation Limited SY32M-109DM2R Datasheet HTML 2Page - Sanyou Corporation Limited SY32M-109DM2R Datasheet HTML 3Page - Sanyou Corporation Limited SY32M-109DM2R Datasheet HTML 4Page - Sanyou Corporation Limited SY32M-109DM2R Datasheet HTML 5Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Nomenclature
2/5
S
Ordering Information
Outline Dimensions
, Wiring Diagram (unit:mm)
Single coil without
this terminal
Unless otherwise specified
:
If dimension
<1mm, tolerance: ±0.2mm;
If dimension
1~5mm, tolerance: ±0.3mm;
If dimension
>5mm, tolerance: ±0.4mm.
2. Tolerance of mounting holes:±0.1mm.
Y32M
SY
M
-1 12
D
M
2
-XX
32
R
Special Parameter:Nil-Standard type,XX-Customized Requirement
Polarity:R-Reverse polarity, Nil-Positive polarity
Contact Form:M-Form A,B-Form B,Nill-From C
Coil Power:Standard type -Single/Dual:1W/2W
Coil Voltage (VDC): 05, 06, 09, 12, 24
Number of Poles:1-1 Pole,2-2Pole
Type Designation:SY32M
Coil Type:1-Single coil,2-Dual coils
Note
: 1. Extended terminal dimension is dimension
before soldering
.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com