Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F635E/SL Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC12F635E/SL
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635E/SL Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC12F635E/SL Datasheet HTML 10Page - Microchip Technology PIC12F635E/SL Datasheet HTML 11Page - Microchip Technology PIC12F635E/SL Datasheet HTML 12Page - Microchip Technology PIC12F635E/SL Datasheet HTML 13Page - Microchip Technology PIC12F635E/SL Datasheet HTML 14Page - Microchip Technology PIC12F635E/SL Datasheet HTML 15Page - Microchip Technology PIC12F635E/SL Datasheet HTML 16Page - Microchip Technology PIC12F635E/SL Datasheet HTML 17Page - Microchip Technology PIC12F635E/SL Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 12
Preliminary
© 2005 Microchip Technology Inc.
2.2.1
GENERAL PURPOSE REGISTER
The register file is organized as 64 x 8 for the
PIC12F635 and 128 x 8 for the PIC16F636/639. Each
register is accessed, either directly or indirectly,
through the File Select Register, FSR (see Section 2.4
“Indirect Addressing, INDF and FSR Registers”).
2.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers (SFRs) are registers
used by the CPU and peripheral functions for controlling
the desired operation of the device (see Figure 2-1).
These registers are static RAM.
The special registers can be classified into two sets:
core and peripheral. The Special Function Registers
associated with the “core” are described in this section.
Those related to the operation of the peripheral
features are described in the section of that peripheral
feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com