Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT84XAS003TP Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT84XAS003TP
Description  10-bit 1.5 Gsps ADC With 1:4 DMUX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT84XAS003TP Datasheet(HTML) 4 Page - ATMEL Corporation

  AT84XAS003TP Datasheet HTML 1Page - ATMEL Corporation AT84XAS003TP Datasheet HTML 2Page - ATMEL Corporation AT84XAS003TP Datasheet HTML 3Page - ATMEL Corporation AT84XAS003TP Datasheet HTML 4Page - ATMEL Corporation AT84XAS003TP Datasheet HTML 5Page - ATMEL Corporation AT84XAS003TP Datasheet HTML 6Page - ATMEL Corporation AT84XAS003TP Datasheet HTML 7Page - ATMEL Corporation AT84XAS003TP Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
AT84AS003
5403AS–BDC–10/04
Table 1. Description of Functions
Name
Function
Name
Function
VCCA
Analog 3.3VV power supply
DOR, DORN
Additional output bit port D
V
CCD
Digital 3.3V power supply
RS
DMUX ratio selection signal
VEE
Analog -5V power supply
CLKDACTRL
Control signal for clock delay cell
VMINUSD
Digital -2.2V power supply
DACTRL
Control signal for standalone delay
cell
VPLUSD
Output 2.5 power supply
DAEN
Enable signal for standalone delay cell
AGND
Analog ground
DAI, DAIN
Input signals for standalone delay cell
DGND
Digital ground
DAO, DAON
Output signals for standalone delay
cell
CLK, CLKN
Input clock signals
GA
ADC gain adjust
VIN, VINN
Analog input data
SDA
ADC sampling delay adjust
DRRB
ADC reset
SDAEN
ADC SDA enable
ASYNCRST
DMUX asynchronous reset
PGEB
ADC pattern generator
DR/DRN
Output clock signals
B/GB
Binary or gray output code selection
A0…A9
A0N…A9N
Output data port A
SLEEP
Sleep mode selection signal
AOR, AORN
Additional output bit port A
STAGG
Staggered mode selection for data
outputs
B0…B9
B0N…B9N
Output data port B
CLKTYPE
Input clock type selection signal
BOR, BORN
Additional output bit port B
DRTYPE
Output clock type selection signal
C0…C9
C0N…C9N
Output data port C
BIST
Built-in self test
COR, CORN
Additional output bit port C
DIODE ADC
Diode for die junction temperature
monitoring (ADC)
D0…D9
D0N…D9N
Output data port D
DIODE DMUX
Diode for die junction temperature
monitoring (DMUX)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com