Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F636TE/MFQTP Datasheet(PDF) 64 Page - Microchip Technology

Part # PIC16F636TE/MFQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636TE/MFQTP Datasheet(HTML) 64 Page - Microchip Technology

Back Button PIC16F636TE/MFQTP Datasheet HTML 60Page - Microchip Technology PIC16F636TE/MFQTP Datasheet HTML 61Page - Microchip Technology PIC16F636TE/MFQTP Datasheet HTML 62Page - Microchip Technology PIC16F636TE/MFQTP Datasheet HTML 63Page - Microchip Technology PIC16F636TE/MFQTP Datasheet HTML 64Page - Microchip Technology PIC16F636TE/MFQTP Datasheet HTML 65Page - Microchip Technology PIC16F636TE/MFQTP Datasheet HTML 66Page - Microchip Technology PIC16F636TE/MFQTP Datasheet HTML 67Page - Microchip Technology PIC16F636TE/MFQTP Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 62
Preliminary
© 2005 Microchip Technology Inc.
7.1
Comparator Operation
A single comparator is shown in Figure 7-1 along with
the relationship between the analog input levels and
the digital output. When the analog input at VIN+ is less
than the analog input VIN-, the output of the comparator
is a digital low level. When the analog input at VIN+ is
greater than the analog input VIN-, the output of the
comparator is a digital high level. The shaded areas of
the output of the comparator in Figure 7-1 represent
the uncertainty due to input offsets and response time.
The polarity of the comparator output can be inverted
by setting the CxINV bits (CMCON0<5:4>). Clearing
CxINV results in a non-inverted output. A complete
table showing the output state versus input conditions
and the polarity bit is shown in Table 7-1.
TABLE 7-1:
OUTPUT STATE VS. INPUT
CONDITIONS
FIGURE 7-1:
SINGLE COMPARATOR
7.2
Analog Input Connection
Considerations
A simplified circuit for an analog input is shown in
Figure 7-2. Since the analog pins are connected to a
digital output, they have reverse biased diodes to VDD
and VSS. The analog input, therefore, must be between
VSS and VDD. If the input voltage deviates from this
range by more than 0.6V in either direction, one of the
diodes is forward biased and a latch-up may occur. A
maximum source impedance of 10 k
Ω is recommended
for the analog sources. Any external component
connected to an analog input pin, such as a capacitor or
a Zener diode, should have very little leakage current.
FIGURE 7-2:
ANALOG INPUT MODEL
Note:
To use CIN+ and CIN- pins as analog
inputs, the appropriate bits must be
programmed
in
the
CMCON0
(19h)
register.
Input Conditions
CINV
CxOUT
VIN- > VIN+
00
VIN- < VIN+
01
VIN- > VIN+
11
VIN- < VIN+
10
Note 1: When reading the Port register, all pins
configured as analog inputs will read as a
‘0’. Pins configured as digital inputs will
convert as analog inputs according to the
input specification.
2: Analog levels on any pin defined as a
digital input may cause the input buffer to
consume more current than is specified.
–
+
VIN+
VIN-
Output
VIN–
VIN+
Output
Output
VIN+
VIN-
VA
AIN
CPIN
5 pF
VDD
VT = 0.6V
VT = 0.6V
RIC
ILEAKAGE
±500 nA
Vss
Legend:CPIN
= Input Capacitance
VT
= Threshold Voltage
ILEAKAGE = Leakage Current at the pin due to various junctions
RIC
= Interconnect Resistance
RS
= Source Impedance
VA
= Analog Voltage
Rs < 10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com