Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WNMD2174-4/TR Datasheet(PDF) 2 Page - Will Semiconductor Ltd.

Part # WNMD2174-4/TR
Description  Dual N-Channel, 12V, 6A, Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WNMD2174-4/TR Datasheet(HTML) 2 Page - Will Semiconductor Ltd.

  WNMD2174-4/TR Datasheet HTML 1Page - Will Semiconductor Ltd. WNMD2174-4/TR Datasheet HTML 2Page - Will Semiconductor Ltd. WNMD2174-4/TR Datasheet HTML 3Page - Will Semiconductor Ltd. WNMD2174-4/TR Datasheet HTML 4Page - Will Semiconductor Ltd. WNMD2174-4/TR Datasheet HTML 5Page - Will Semiconductor Ltd. WNMD2174-4/TR Datasheet HTML 6Page - Will Semiconductor Ltd. WNMD2174-4/TR Datasheet HTML 7Page - Will Semiconductor Ltd. WNMD2174-4/TR Datasheet HTML 8Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
WNMD2174
Will Semiconductor Ltd.
2
Electronics Characteristics (Ta=25
oC, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Source to Source Voltage
VSSS
VGS = 0 V, IS = 250uA
12
V
Zero Gate Voltage Drain Current
ISSS
VSS =12 V, VGS = 0V
TEST CIRCUIT 1
1
uA
Gate Leakage Current
IGSS
VSS = 0 V, VGS = ±10V
TEST CIRCUIT 2
±10
uA
ON CHARACTERISTICS
Gate to Source Cut-off Voltage
VGS(off)
VGS = VSS, IS = 250uA
TEST CIRCUIT 3
0.4
0.8
1.2
V
Source to Source On-state
Resistance
RSS(on)
VGS = 4.5V, IS = 3.0A
TEST CIRCUIT 5
10
19
25
mΩ
VGS = 4.0V, IS = 3.0A
TEST CIRCUIT 5
11
20
27
VGS = 3.8V, IS = 3.0A
TEST CIRCUIT 5
11.5
21
28
VGS = 3.1V, IS = 3.0A
TEST CIRCUIT 5
12
22
31
VGS = 2.5V, IS = 3.0A
TEST CIRCUIT 5
14
25
35
Forward Transfer Admittance
| yfs |
VSS = 10 V, IS = 1.8A
TEST CIRCUIT 4
9
S
BODY DIODE CHARACTERISTICS
Body Diode Forward Voltage
VF(S-S)
VGS = 0 V, IF = 1.0A
TEST CIRCUIT 6
0.9
1.5
V
SWITCHING CHARACTERISTICS
Turn-On Delay Time
td(ON)
VGS = 4.5 V, VSS=10V,
RL=3.3 Ω , IS=3A,RG=6Ω
TEST CIRCUIT 8
680
ns
Rise Time
tr
2960
Turn-Off Delay Time
td(OFF)
6480
Fall Time
tf
6760
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1kHz,
VSS = 10 V
TEST CIRCUIT 7
1313
pF
Output Capacitance
COSS
257
Reverse Transfer Capacitance
CRSS
238
Total Gate Charge
QG(TOT)
VG1S1 = 4.5 V, VSS = 10V,
IS =6A
TEST CIRCUIT 9
17.8
nC
Threshold Gate Charge
QG(TH)
0.79
Gate-to-Source Charge
QGS
2.5
Gate-to-Drain Charge
QGD
6.4
2018/
- Rev.1.6
7/ 17



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com