Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F636E/PQTP Datasheet(PDF) 100 Page - Microchip Technology

Part # PIC16F636E/PQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636E/PQTP Datasheet(HTML) 100 Page - Microchip Technology

Back Button PIC16F636E/PQTP Datasheet HTML 96Page - Microchip Technology PIC16F636E/PQTP Datasheet HTML 97Page - Microchip Technology PIC16F636E/PQTP Datasheet HTML 98Page - Microchip Technology PIC16F636E/PQTP Datasheet HTML 99Page - Microchip Technology PIC16F636E/PQTP Datasheet HTML 100Page - Microchip Technology PIC16F636E/PQTP Datasheet HTML 101Page - Microchip Technology PIC16F636E/PQTP Datasheet HTML 102Page - Microchip Technology PIC16F636E/PQTP Datasheet HTML 103Page - Microchip Technology PIC16F636E/PQTP Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 98
Preliminary
© 2005 Microchip Technology Inc.
11.31.3
RECEIVED SIGNAL STRENGTH
INDICATOR (RSSI) OUTPUT
An analog current is available at the LFDATA pin when
the Received Signal Strength Indicator (RSSI) output is
selected for the AFE’s Configuration register. The analog
current is linearly proportional to the input signal strength
(see Figure 11-15).
All timers in the circuit, such as inactivity timer, alarm
timer, and AGC settling time, are disabled during the
RSSI mode. Therefore, the RSSI output is not affected
by the AGC settling time, and available immediately
when the RSSI option is selected. The AFE enters
Active mode immediately when the RSSI output is
selected. The MCU I/O pin (RC3) connected to the
LFDATA pin, must be set to high-impedance state
during the RSSI Output mode.
When the AFE receives an SPI command during the
RSSI output, the RSSI mode is temporary disabled
until the SPI interface communication is completed. It
returns to the RSSI mode again after the SPI interface
communication is completed. The AFE holds the RSSI
mode until another output type is selected (CS low
turns off the RSSI signal). To obtain the RSSI output
for a particular input channel, or to save operating
power, the input channel can be individually enabled
or disabled. If more than one channel is enabled, the
RSSI output is from the strongest signal channel.
There will be no valid output if all three channels are
disabled.
Related AFE Configuration register bits:
• Configuration Register 1 (Register 11-2),
DATOUT<8:7>:
bit 8
bit 7
00
: Demodulated Output
01
: Carrier Clock Output
10
: RSSI Output
11
: RSSI Output
• Configuration Register 2 (Register 11-3),
RSSIFET<8>:
0
: Pull-Down MOSFET off
1
: Pull-Down MOSFET on.
• Configuration Register 0 (Register 11-1): all bits
are affected.
FIGURE 11-14:
RSSI OUTPUT PATH
Note:
The pull-down MOSFET option is valid
only when the RSSI output is selected.
The MOSFET is not controllable by users
when Demodulated or Carrier
Clock
output option is selected.
RSSI Output Current
Generator
VDD
(controlled by Config. 2, bit 8)
RSSI Pull-down MOSFET
Current Output
RC3/LFDATA/RSSI/CCLK Pin
RSSIFET
Off
if RSSI active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com