Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XYZAXAXCEL Datasheet(PDF) 1 Page - TOKYO SEIMITSU CO., LTD

Part # XYZAXAXCEL
Description  High speed, high accuracy and high resistance to environment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

XYZAXAXCEL Datasheet(HTML) 1 Page - TOKYO SEIMITSU CO., LTD

  XYZAXAXCEL Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD XYZAXAXCEL Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TOKYO SEIMITSU
XYZAX AXCEL
High Accuracy CNC Coordinate Measuring Machine
■Class highest level accuracy
Maximum permissible length measurement error
E0,MPE:1.8 + 3L/1000 µm*
A newly developed highly rigid bridge delivers the
highest level accuracy in class.
■Amazing speed is achieved by review of the
drive mechanism
A maximum drive speed of
700 mm/sec and
maximum acceleration of
2300 mm/sec2
The drive mechanism of the axes were thoroughly
reviewed, and 64% increase in driving speed and 35%
increase in acceleration (compared with our conventional
machines) were achieved. Measurement efficiency
increases significantly.
High speed, high accuracy and
high resistance to environment.
A new global standard that leads
the new age.
* Temperature condition:18 〜 22℃
Specification
                             Model
Item
XYZAX AXCEL RDS
9/6/6
9/10/6
Measuring
range
X-axis
(mm)
850
Y-axis
(mm)
600
1000
Z-axis
(mm)
600
Measuring
accuracy
VAST XXT
Maximum permissible error for
length measurement
E0,MPE
(µm)
1.8 + 3L/1000 (18 〜 22℃ )
1.8 + 4L/1000 (16 〜 26℃ )
1.8 + 5L/1000 (15 〜 30℃ )
Maximum permissible error for
length measurement
E150,MPE
(µm)
2.3 + 3L/1000 (18 〜 22℃ )
2.3 + 4L/1000 (16 〜 26℃ )
2.3 + 5L/1000 (15 〜 30℃ )
Maximum permissible limit for
repeatability range
R0,MPL
(µm)
1.3
Maximum permissible error for
single stylus form
PFTU,MPE
(µm)
1.8
Maximum permissible error for
scannning probe
MPETHP
(µm)
2.9
Table
Usable width (X)
(mm)
1050
Usable depth (Y)
(mm)
1500
1900
Workpiece
Max. height
(mm)
790
Max. weight
(kg)
800
1000
Driving
speed
Max. acceleration
(mm/sec2)
2300
Variable speed range
(mm/sec)
0.01 〜 700
Outer
diameter
dimension
Dimentions
Width
(mm)
1715
Depth
(mm)
1550
1950
Height
(mm)
2578
Weight
(kg)
2100
2550


Similar Part No. - XYZAXAXCEL

ManufacturerPart #DatasheetDescription
logo
TOKYO SEIMITSU CO., LTD
XYZAXFUSIONNEX ACCRETECH-XYZAXFUSIONNEX Datasheet
617Kb / 4P
Coordinate Measuring Machine that has accomplished internal evolution to further
XYZAXMJUNEX ACCRETECH-XYZAXMJUNEX Datasheet
588Kb / 4P
Compact CNC coordinate measuring machine which realizes energy saving with stable measuring accuracy
XYZAXSVANEX ACCRETECH-XYZAXSVANEX Datasheet
521Kb / 4P
Redesigning the long-selling SVA series from scratch enhances the high-accuracy furthermore
More results

Similar Description - XYZAXAXCEL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BHSD-2032 ETC2-BHSD-2032 Datasheet
60Kb / 1P
Polypropylene, High environment stress crack resistance,Color Clear
logo
Bourns Electronic Solut...
CM252016-100KL BOURNS-CM252016-100KL Datasheet
372Kb / 9P
High resistance to heat and humidity
CM453232-R10ML BOURNS-CM453232-R10ML Datasheet
305Kb / 7P
High resistance to heat and humidity
logo
Allegro MicroSystems
A19350 ALLEGRO-A19350 Datasheet
1Mb / 14P
High Accuracy GMR Wheel Speed and Direction Sensor IC
logo
Maxim Integrated Produc...
MAX17021EVKIT MAXIM-MAX17021EVKIT Datasheet
1Mb / 15P
High Speed, Accuracy, and Efficiency
Rev 0; 3/09
logo
IET Labs Inc.
HARS IET-HARS Datasheet
309Kb / 2P
High Accuracy Decade Resistance Substituter
Feb. 2021
SRL IET-SRL Datasheet
384Kb / 1P
High-Accuracy, High-Stability Resistance Standards
Dec. 2022
SRR IET-SRR Datasheet
99Kb / 1P
High Accuracy Standard Resistance
October 9 2013
logo
MultiDimension Technolo...
GE-T MULTIDIMENSION-GE-T Datasheet
1Mb / 10P
High Sensitivity, High Speed, High Accuracy TMR Geartooth Encoders
Version 2.0.2
logo
Pico Technology Ltd.
PT-104 PICO-PT-104 Datasheet
6Mb / 9P
High-accuracy platinum resistance data logger
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com