Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XYZAXMJUNEX Datasheet(PDF) 2 Page - TOKYO SEIMITSU CO., LTD

Part # XYZAXMJUNEX
Description  Compact CNC coordinate measuring machine which realizes energy saving with stable measuring accuracy
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

XYZAXMJUNEX Datasheet(HTML) 2 Page - TOKYO SEIMITSU CO., LTD

  XYZAXMJUNEX Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD XYZAXMJUNEX Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD XYZAXMJUNEX Datasheet HTML 3Page - TOKYO SEIMITSU CO., LTD XYZAXMJUNEX Datasheet HTML 4Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
19
TOKYO SEIMITSU
Environment Resistant Design
Bellows are equipped against dust on X-and Y-axes as standard. An air bearing pre-
vents dust from Y-axis (left).
Z-axis scale is mounted on Z-axis column inside of Z-cover for steady air condition.
Temperature compensation is implemented as standard.
Deliverable through common door frame
Compact design makes it possible to deliver through a common door.
As it is not necessary to break the wall for delivery, no extra
cost is required.
mju
Room air
circulation
Z cover
Scale
0.5 mm, mechanical
pencil lead
0.3 mm, smallest
ball diameter
Standard transport
dimension
Minimum transport
dimension
Separated transport
dimension
Depth (mm)
1070
1000
1070
Width (mm)
1080
1033
1080
Height (mm)
2112
2096
1570
*Special work expense may incur depending on the delivery condition.
Smallest Stylus Ball Diameter:
Φ 0.3 mm
Stylus with smallest ball diameter is appropriate for measurements
of small workpieces and extra small holes.
ACR200/MCR20 module change rack (Option)
Module change rack enables automated changing of TP20/TP200B stylus modules and improves measuring efficiency.
MCR is designed to store up to six TP20 probe modules for automatic changing under measurement program control and to
protect them from dust.
Probe System
Automatic touch trigger probe corresponding
to Max.300 mm extension.
Horizontal rotation angle: ±180°
Vertical rotation angle: 0 to +105°
Indexing steps: 7.5°step
<For TP200B>
Stylus length: Max. 100 mm with GR Stylus
Extension bar: Max 200 mm
Automatic touch trigger probe utilizes
power of Coordinate Measuring Machine
(TP20 Built-in)
Horizontal/vertical rotation angle: 15°
steps
Horizontal rotation angle: 15°step
Vertical rotation angle: Fixed at optional angle
Extension bar: Max 200 mm
<For TP200B>
Horizontal rotation angle: 15°step
Vertical rotation angle: Fixed at optional angle
(Max. permissible length measurement
error: E0, MPE(μm) 2.2 + L/250)
PH10T/TP200B
RTP20
PH1/TP200B
PH1/TP20
PH10T/TP20
145 mm
15 mm
60 mm
200 mm
55 mm
245.0 mm
65.0 mm
190.0 mm
■TP20
■TP200B
6-port type



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com