Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC880ZP66 Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC880ZP66
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC880ZP66 Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC880ZP66 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC880ZP66 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC880ZP66 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC880ZP66 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC880ZP66 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC880ZP66 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC880ZP66 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC880ZP66 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC880ZP66 Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
78
Freescale Semiconductor
Mechanical Data and Ordering Information
CS[0:5]
B14, C14, A15, D14, C16, A16
Output
CS6
CE1_B
D15
Output
CS7
CE2_B
B16
Output
WE0
BS_B0
IORD
B18
Output
WE1
BS_B1
IOWR
E16
Output
WE2
BS_B2
PCOE
C17
Output
WE3
BS_B3
PCWE
B19
Output
BS_A[0:3]
D17, C18, C19, F16
Output
GPL_A0
GPL_B0
B17
Output
OE
GPL_A1
GPL_B1
A18
Output
GPL_A[2:3]
GPL_B[2:3]
CS[2:3]
D16, A17
Output
UPWAITA
GPL_A4
B13
Bidirectional
UPWAITB
GPL_B4
A14
Bidirectional
GPL_A5
C13
Output
PORESET
B3
Input
RSTCONF
D4
Input
HRESET
B4
Open-drain
SRESET
A3
Open-drain
XTAL
A4
Analog output
EXTAL
D5
Analog input (3.3 V only)
CLKOUT
G4
Output
EXTCLK
A5
Input (3.3 V only)
Table 39. Pin Assignments (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com