Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ27Z561-R1_1904 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ27Z561-R1_1904
Description  Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27Z561-R1_1904 Datasheet(HTML) 2 Page - Texas Instruments

  BQ27Z561-R1_1904 Datasheet HTML 1Page - Texas Instruments BQ27Z561-R1_1904 Datasheet HTML 2Page - Texas Instruments BQ27Z561-R1_1904 Datasheet HTML 3Page - Texas Instruments BQ27Z561-R1_1904 Datasheet HTML 4Page - Texas Instruments BQ27Z561-R1_1904 Datasheet HTML 5Page - Texas Instruments BQ27Z561-R1_1904 Datasheet HTML 6Page - Texas Instruments BQ27Z561-R1_1904 Datasheet HTML 7Page - Texas Instruments BQ27Z561-R1_1904 Datasheet HTML 8Page - Texas Instruments BQ27Z561-R1_1904 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
BQ27Z561-R1
SLUSDH5 – MARCH 2019
www.ti.com
Product Folder Links: BQ27Z561-R1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Description (cont.) ................................................. 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Supply Current .......................................................... 5
7.6
Internal 1.8-V LDO (REG18)..................................... 5
7.7
I/O (CE, PULS, INT).................................................. 5
7.8
Internal Temperature Sensor .................................... 5
7.9
NTC Thermistor Measurement Support.................... 5
7.10
Coulomb Counter (CC) ........................................... 5
7.11
Analog Digital Converter (ADC) .............................. 6
7.12
Internal Oscillator Specifications ............................. 6
7.13
Voltage Reference1 (REF1).................................... 6
7.14
Voltage Reference2 (REF2).................................... 7
7.15
Flash Memory ......................................................... 7
7.16
I2C I/O ..................................................................... 7
7.17
I2C Timing — 100 kHz ............................................ 7
7.18
I2C Timing — 400 kHz ............................................ 7
7.19
HDQ Timing ............................................................ 8
7.20
Typical Characteristics .......................................... 10
8
Detailed Description ............................................ 10
8.1
Overview ................................................................. 10
8.2
Functional Block Diagram ....................................... 11
8.3
Feature Description................................................. 11
8.4
Device Functional Modes........................................ 13
9
Applications and Implementation ...................... 14
9.1
Application Information............................................ 15
9.2
Typical Applications ............................................... 15
10
Power Supply Requirements ............................. 17
11
Layout................................................................... 17
11.1
Layout Guidelines ................................................. 17
11.2
Layout Example .................................................... 18
12
Device and Documentation Support ................. 19
12.1
Documentation Support ........................................ 19
12.2
Receiving Notification of Documentation Updates 19
12.3
Community Resources.......................................... 19
12.4
Trademarks ........................................................... 19
12.5
Electrostatic Discharge Caution ............................ 19
12.6
Glossary ................................................................ 19
13
Mechanical, Packaging, Orderable
Information ........................................................... 19
4 Revision History
DATE
REVISION
NOTES
March 2019
*
Initial Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com