Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT6873 Datasheet(PDF) 2 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT6873
Description  3.5W High Fidelity Ultra Low EMI Anti-Cut Top Mono Class D Audio Power Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT6873 Datasheet(HTML) 2 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT6873 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT6873 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HT6873
高保真超低 EMI 音频功率放大器系列
版权所有©2013, 嘉兴禾润电子科技有限公司
-2-
4/2013 – V0.1
引脚信息
引脚定义*1
SOP8L/DFN8L
引脚号
引脚
名称
I/O
ESD
保护电路
功能
1
CTRL
I
PN
ACF模式和关断模式控制端
2
BYPASS
A
PN
模拟参考电压
3
IN-
A
PN
反相输入端(差分-)
4
IN+
A
PN
同相输入端(差分+)
5
OUT+
O
-
同相输出端(BTL+)
6
VDD
Power
-
电源
7
GND
Ground
-
地
8
OUT-
O
-
反相输出端(BTL-)
注1
I: 输入端
O: 输出端
A: 模拟端
当大于VDD的电压外加于PN保护型端口(ESD保护电路由PMOS和NMOS组成)时,PMOS电路将有漏电流流过。
= -40ºC~85ºC, 除非特殊说明.
嘉兴禾润电子科技有限公司
Jiaxing Heroic Technology Co., Ltd.
地址:
浙江省嘉兴市亚太路 JRC 大厦 A 座三层
传真:
0573-82585078
E-mail:
sales@heroic.com.cn
网址:
www.heroic.com.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com