Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WD1030DA-7/TR Datasheet(PDF) 4 Page - Will Semiconductor Ltd.

Part # WD1030DA-7/TR
Description  High Efficiency 5V, 1.5A continuous, 1.3MHz Synchronous Step-Down Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WD1030DA-7/TR Datasheet(HTML) 4 Page - Will Semiconductor Ltd.

  WD1030DA-7/TR Datasheet HTML 1Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 2Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 3Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 4Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 5Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 6Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 7Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 8Page - Will Semiconductor Ltd. WD1030DA-7/TR Datasheet HTML 9Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
WD1030
Will Semiconductor Ltd.
4
Dec,2017- Rev. 1.0
Typical Characteristics
(Ta=25
oC, V
IN=5V, VEN=VIN, CIN=10μF ,COUT=22μF, L1=1μH, unless otherwise noted)
0.0
0.5
1.0
1.5
2.0
50
60
70
80
90
100
Io(A)
V
O =1.8V, L =1.0H
VIN=3.3V
VIN=4.2V
VIN=5V
Efficiency vs. Output Current
VIN=EN=5V,VO=1.8V, IO=1mA-1.5A
VIN=EN=5V,VO=1.8V, IO=0.3A-2.6A
Load Transient
Load Transient
VIN=5V,VO=1.8V,EN=3.6V,IO=1.5A
VIN=5V,VO=1.8V,EN=3.6V,IO=1.5A
Startup
from
Enable
Shutdown
from
Enable



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com