Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

16F636 Datasheet(PDF) 68 Page - Microchip Technology

Part # 16F636
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F636 Datasheet(HTML) 68 Page - Microchip Technology

Back Button 16F636 Datasheet HTML 64Page - Microchip Technology 16F636 Datasheet HTML 65Page - Microchip Technology 16F636 Datasheet HTML 66Page - Microchip Technology 16F636 Datasheet HTML 67Page - Microchip Technology 16F636 Datasheet HTML 68Page - Microchip Technology 16F636 Datasheet HTML 69Page - Microchip Technology 16F636 Datasheet HTML 70Page - Microchip Technology 16F636 Datasheet HTML 71Page - Microchip Technology 16F636 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 66
Preliminary
© 2005 Microchip Technology Inc.
FIGURE 7-7:
PIC16F636/639 COMPARATOR C2 OUTPUT BLOCK DIAGRAM
REGISTER 7-2:
CMCON1 – COMPARATOR CONTROL 1 REGISTER (ADDRESS: 1Ah)
U-0
U-0
U-0
U-0
U-0
U-0
R/W-1
R/W-0
—
—
—
—
—
—T1GSS
C2SYNC(1)
bit 7
bit 0
bit 7-2:
Unimplemented: Read as ‘0’
bit 1
T1GSS: Timer1 Gate Source Select bit
1
= Timer1 gate source is T1G pin (RA4 must be configured as digital input)
0
= Timer1 gate source is Comparator 2 output
bit 0
C2SYNC: Comparator 2 Synchronize bit(2)
1
= C2 output synchronized with falling edge of Timer1 clock
0
= C2 output not synchronized with Timer1 clock
Note 1:
C2SYNC is C1SYNC in PIC12F635.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
C2SYNC
D
Q
EN
To C2OUT pin
RD CMCON
Set C2IF bit
D
Q
EN
CL
RD CMCON
Reset
To Data Bus
C2INV
D
Q
EN
TMR1
Clock Source(1)
0
1
To TMR1
Note 1:
Comparator 2 output is latched on falling edge of T1 clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com