Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM82C37B-5VJS Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM82C37B-5VJS
Description  PROGRAMMABLE DMA CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C37B-5VJS Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM82C37B-5VJS Datasheet HTML 3Page - OKI electronic componets MSM82C37B-5VJS Datasheet HTML 4Page - OKI electronic componets MSM82C37B-5VJS Datasheet HTML 5Page - OKI electronic componets MSM82C37B-5VJS Datasheet HTML 6Page - OKI electronic componets MSM82C37B-5VJS Datasheet HTML 7Page - OKI electronic componets MSM82C37B-5VJS Datasheet HTML 8Page - OKI electronic componets MSM82C37B-5VJS Datasheet HTML 9Page - OKI electronic componets MSM82C37B-5VJS Datasheet HTML 10Page - OKI electronic componets MSM82C37B-5VJS Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7/33
¡ Semiconductor
MSM82C37B-5RS/GS/VJS
Slave Mode
Item
Symbol
Min.
Max.
Unit
Time from Address Valid or
CS Leading Edge to IOR Leading Edge
Comments
tAR
(Ta = –40 to +85°C, VCC = 4.5 to 5.5 V)
50
—
—
ns
Address Valid Set-up Time
to IOW Trailing Edge
tAW
130
—
—
ns
CS Leading Edge Set-up Time
to IOW trailing edge
tCW
130
—
—
ns
Data Valid Set-up Time
to IOW Trailing Edge
tDW
130
—
—
ns
Address or CS Hold Time
to IOR Trailing Edge
tRA
0—
—
ns
Data Access Time
to IOR Leading Edge
tRDE
——
140
ns
Delay Time to Data Floating Status
from IOR Trailing Edge
tRDF
0—
70
ns
Supply Power Leading Edge Set-up
time to RESET Trailing Edge
tRSTD
500
—
—
ns
Time to First Active IOR or IOW
from RESET Trailing Edge
tRSTS
2tCY
—
—
ns
RESET Pulse Width
tRSTW
300
—
—
ns
IOR Pulse Width
tRW
200
—
—
ns
Address Hold Time
to IOW Trailing Edge
tWA
20
—
—
ns
CS Trailing Edge Hold Time
to IOW Trailing Edge
tWC
20
—
—
ns
Data Hold Time to IOW Trailing Edge
tWD
30
—
—
ns
IOW Pulse Width
tWWS
160
—
—
ns
Notes: 1. Output load capacitance of 150 (pF).
2. IOW and MEMW pulse widths of tCY – 100 (ns) for normal writing, and 2tCY – 100
(ns) for extended writing. IOR and MEMR pulse widths of 2tCY – 50 (ns) for normal
timing, and tCY – 50 (ns) for compressed timing.
3. DREQ and DACK signal active level can be set to either low or high. In the timing
chart, the DREQ signal has been set to active-high, and the DACK signal to active-
low.
4. When the CPU executes continuous read or write in programming mode, the
interval during which the read or write pulse becomes active must be set to at least
400 ns.
5. EOP is an open drain output. The value given is obtained when a 2.2 kW pull-up
resistance is connected to VCC.
6. Rise time and fall time are less than 10 ns.
7. Waveform measurement points for both input and output signals are 2.2 V for HIGH
and 0.8 V for LOW, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com