Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMB80P03VAT Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMB80P03VAT
Description  P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMB80P03VAT Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMB80P03VAT Datasheet HTML 1Page - Excelliance MOS Corp. EMB80P03VAT Datasheet HTML 2Page - Excelliance MOS Corp. EMB80P03VAT Datasheet HTML 3Page - Excelliance MOS Corp. EMB80P03VAT Datasheet HTML 4Page - Excelliance MOS Corp. EMB80P03VAT Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
2015/7/23 
p.4 
EMB80P03VAT
‐V   ,Gate‐Source Voltage( V )
Transfer Characteristics
1
0
2
4
GS
2
DS
V   = ‐10V 
6
8
10
3
4
5
25 C
°
T   = ‐55 C
A
125 C
°
°
‐V   ‐ Drain‐Source Voltage( V )
0
0
4
1
DS
16
8
12
‐5.0V
‐4.5V
23
4
‐7.0V
‐6.0V
V   = ‐10 V
GS
Typical output characteristics
5
‐8.0V
Drain Current and Gate Voltage
‐I   Drain Current( A ) 
On‐Resistance Variation with
0.8
0
1.2
1.0
1.4
4
D
8
V   = ‐4.5V
2.2
1.8
1.6
2.0
2.4
GS
‐6.0V
12
16
‐7.0V
‐10V
‐5.0V
‐8.0V
Normalized on‐Resistance v.s. Junction Temperature
T   ‐ Junction Temperature (°C)
50
1.2
0.6
‐50
0.8
1.0
J
‐25
0
25
D
I   = ‐3.6A
V   = ‐10V
1.4
1.6
1.8
GS
150
100
75
125
T   = 25°C
‐ V   ‐ Gate‐Source Voltage( V )
5
0.10
0
0
0.05
0.15
1
2
GS
3
4
A
0.20
0.20
0.25
0.30
A
T   = 125°C
7
68
9
10
I   = ‐ 2.5A
D
On‐Resistance Variation with Gate‐Source Voltage
Body Diode Forward Voltage Variation
with Source Current and Temperature
T   = 125°C
‐V   ‐ Body Diode Forward Voltage( V )
0.6
0.0001
0
0.001
0.01
SD
0.2
0.4
25°C
V    = 0V
0.1
1
10
GS
A
0.8
1.0
‐55°C
1.2
TYPICAL CHARACTERISTICS 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com