Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP5602B Datasheet(PDF) 5 Page - Billiton Ltd.

Part # TP5602B
Description  LIthIum-battery lIthIum-synchronous type 3 A lithium battery charge
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP5602B Datasheet(HTML) 5 Page - Billiton Ltd.

  TP5602B Datasheet HTML 1Page - Billiton Ltd. TP5602B Datasheet HTML 2Page - Billiton Ltd. TP5602B Datasheet HTML 3Page - Billiton Ltd. TP5602B Datasheet HTML 4Page - Billiton Ltd. TP5602B Datasheet HTML 5Page - Billiton Ltd. TP5602B Datasheet HTML 6Page - Billiton Ltd. TP5602B Datasheet HTML 7Page - Billiton Ltd. TP5602B Datasheet HTML 8Page - Billiton Ltd. TP5602B Datasheet HTML 9Page - Billiton Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
南京拓微集成电路有限公司
NanJing Top Power ASIC Corp.
5
REV_2.1
功能方框图
+
T250MS
CK500MS
T5S,T10S
Vbat schmitter
COMPARER
VBAT VREF1.0V
POWER
MANAGE
VIN
VB
AT
VO
UT
400K
VREF 1.0V
IREF
BOV~(VBAT>4.3)
Tri_state
Sub switch
pmos2
0.25V
Pbuf
Vint2
Down~_UP
PWM
RAMP
OSC
800K/400K
1.0V
0.25V
VERR AMP X10
VOUT
(Rall=1000K)
4.3V auto_adpt
5V fix
VREF1.0V
Pwr_off~
4.3V over charge
4.2V floot
3.0V trickle/uv
2.4V shutdown
VBAT
(Rall=2000K)
Nbuf
Syn_dn_up~
VREG
GND_D
VIO
LED1
Up soft start
over load
250ms SS
Up load_small
auto stop
10S LOAD_S
1ms-10s timer
INPUT
MODE
-
同步与过流保护电路
LED display control
LED2
LED3
LED4
Mode switch
1K
1K
1K
1K
图 2 功能模块框图



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com