Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WD3138 Datasheet(PDF) 6 Page - Will Semiconductor Ltd.

Part # WD3138
Description  White LED Driver with Digital and PWM Brightness Control in Tiny Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WD3138 Datasheet(HTML) 6 Page - Will Semiconductor Ltd.

Back Button WD3138 Datasheet HTML 2Page - Will Semiconductor Ltd. WD3138 Datasheet HTML 3Page - Will Semiconductor Ltd. WD3138 Datasheet HTML 4Page - Will Semiconductor Ltd. WD3138 Datasheet HTML 5Page - Will Semiconductor Ltd. WD3138 Datasheet HTML 6Page - Will Semiconductor Ltd. WD3138 Datasheet HTML 7Page - Will Semiconductor Ltd. WD3138 Datasheet HTML 8Page - Will Semiconductor Ltd. WD3138 Datasheet HTML 9Page - Will Semiconductor Ltd. WD3138 Datasheet HTML 10Page - Will Semiconductor Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
WD3138
Will Semiconductor Ltd.
6
Jun, 2015 - Rev. 1.0
Low Time Low Bit
tL_LB
Logic 0
2xtH_LB
360
μs
High Time High Bit
tH_HB
Logic 1
2xtL_HB
360
μs
Low Time High Bit
tL_HB
Logic 1
2
180
μs
Acknowledge Output Voltage
Low
VACKNL
Open Drain,
RPULL_UP=15kΩ
0.4
V
Acknowledge Valid Time
tvalACKN
Note 2
2
μs
Duration of Acknowledge
Condition
tACKN
Note 2
512
μs
Thermal Shutdown
Thermal Shutdown
Temperature
TSD
160
°C
TSD Hysteresis
TSD-HYS
30
°C
Shutdown Delay
tSHDN
ms
Note 1: To enter in 1-wire digital dimming mode, the EN pin has to be low for more than t1W_DET during t1W-WIN
Note 2: Acknowledge condition active 0, this condition will only be applied in case the RFA bit is set. Open
drain output, line needs to be pulled high by the host with resistor load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com